Electronic Components Datasheet Search
  English  ▼

X  

LTC2488 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2488
Description  16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2488 Datasheet HTML 9Page - Linear Technology LTC2488 Datasheet HTML 10Page - Linear Technology LTC2488 Datasheet HTML 11Page - Linear Technology LTC2488 Datasheet HTML 12Page - Linear Technology LTC2488 Datasheet HTML 13Page - Linear Technology LTC2488 Datasheet HTML 14Page - Linear Technology LTC2488 Datasheet HTML 15Page - Linear Technology LTC2488 Datasheet HTML 16Page - Linear Technology LTC2488 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2488
13
2488f
APPLICATIONS INFORMATION
Data is shifted out of the SDO pin under control of the
serial clock (SCK) (see Figure 3). Whenever ⎯C⎯S is HIGH,
SDO remains high impedance and SCK is ignored.
In order to shift the conversion result out of the device,
⎯C⎯S must first be driven LOW. ⎯E⎯O⎯C is seen at the SDO pin
of the device once ⎯C⎯S is pulled LOW. ⎯E⎯O⎯C changes in real
time as a function of the internal oscillator or the clock
applied to the fO pin from HIGH to LOW at the completion
of a conversion. This signal may be used as an interrupt for
an external microcontroller. Bit 23 (⎯E⎯O⎯C) can be captured
on the first rising edge of SCK. Bit 22 is shifted out of the
device on the first falling edge of SCK. The final data bit
(Bit 0) is shifted out on the on the falling edge of the 23rd
SCK and may be latched on the rising edge of the 24th SCK
pulse. On the falling edge of the 24th SCK pulse, SDO goes
HIGH indicating the initiation of a new conversion cycle.
This bit serves as ⎯E⎯O⎯C (Bit 23) for the next conversion
cycle. Table 2 summarizes the output data format.
As long as the voltage on the IN+ and IN– pins remains be-
tween –0.3V and VCC + 0.3V (absolute maximum operating
range) a conversion result is generated for any differential
input voltage VIN from –FS = –0.5 • VREF to +FS = 0.5 •
VREF. For differential input voltages greater than +FS, the
conversion result is clamped to the value corresponding to
+FS + 1LSB. For differential input voltages below –FS, the
conversion result is clamped to the value –FS – 1LSB.
INPUT DATA FORMAT
The LTC2488 serial input word is 8 bits long. The input
bits (SGL, ODD, A2, A1, A0) are used to select the input
channel.
EOC
CS
SCK
(EXTERNAL)
SDI
SDO
2488 F03
CONVERSION
SLEEP
DATA INPUT/OUTPUT
MSB
BIT 20 BIT 19 BIT 18 BIT 17 BIT 16 BIT 15 BIT 14 BIT 13 BIT 12 BIT 11
SIG
BIT 21
“0”
BIT 22
BIT 23
1
0
EN
SGL
A2
A1
A0
ODD
BIT 10
BIT 9
BIT 0
12
3
4
5
6
7
8
9
10
11
12
13
14
24
DON'T CARE
DON'T CARE
Figure 3. Channel Selection and Data Output Timing
Table 2. Output Data Format
Differential Input Voltage
VIN*
Bit 23
⎯E⎯O⎯C
Bit 22
DMY
Bit 21
SIG
Bit 20
MSB
Bit 19
Bit 18
Bit 17
…
Bit 4
LSB
Bits 3 to 0
Always 0
VIN* ≥ 0.5 • VREF**
0
0
1
1
0
0
0
…
0
0000
0.5 • VREF** – 1LSB
0
0
1
0
1
1
1
…
1
0000
0.25 • VREF**
0
0
1
0
1
0
0
…
0
0000
0.25 • VREF** – 1LSB
0
0
1
0
0
1
1
…
1
0000
0
0
0
1
0
0
0
0
…
0
0000
–1LSB
0
0
0
1
1
1
1
…
1
0000
–0.25 • VREF**
0
0
0
1
1
0
0
…
0
0000
–0.25 • VREF** – 1LSB
0
0
0
1
0
1
1
…
1
0000
–0.5 • VREF**
0
0
0
1
0
0
0
…
0
0000
VIN* < –0.5 • VREF**
0
0
0
0
1
1
1
…
1
0000
*The differential input voltage VIN = IN
+ – IN–. **The differential reference voltage VREF = REF+ – REF–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com