Electronic Components Datasheet Search
  English  ▼

X  

LTC2755 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2755
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755 Datasheet(HTML) 2 Page - Linear Technology

  LTC2755 Datasheet HTML 1Page - Linear Technology LTC2755 Datasheet HTML 2Page - Linear Technology LTC2755 Datasheet HTML 3Page - Linear Technology LTC2755 Datasheet HTML 4Page - Linear Technology LTC2755 Datasheet HTML 5Page - Linear Technology LTC2755 Datasheet HTML 6Page - Linear Technology LTC2755 Datasheet HTML 7Page - Linear Technology LTC2755 Datasheet HTML 8Page - Linear Technology LTC2755 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2755
2
2755f
S2
IOUT2A
GND
D11
D10
D9
D8
D7
D6
D5
D4
D3
GND
IOUT2D
VDD
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D/S
S0
IOUT2B
GND
NC
NC
NC
NC
NC
NC
D0
D1
D2
GND
IOUT2C
MSPAN
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
65
LTC2755-12 UP PACKAGE
64-LEAD (9mm × 9mm) PLASTIC QFN
TJMAX = 125°C, θJA = 28°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
S2
IOUT2A
GND
D13
D12
D11
D10
D9
D8
D7
D6
D5
GND
IOUT2D
VDD
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D/S
S0
IOUT2B
GND
NC
NC
NC
NC
D0
D1
D2
D3
D4
GND
IOUT2C
MSPAN
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
65
LTC2755-14 UP PACKAGE
64-LEAD (9mm × 9mm) PLASTIC QFN
TJMAX = 125°C, θJA = 28°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
S2
IOUT2A
GND
D15
D14
D13
D12
D11
D10
D9
D8
D7
GND
IOUT2D
VDD
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D/S
S0
IOUT2B
GND
NC
NC
D0
D1
D2
D3
D4
D5
D6
GND
IOUT2C
MSPAN
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
65
LTC2755-16 UP PACKAGE
64-LEAD (9mm × 9mm) PLASTIC QFN
TJMAX = 125°C, θJA = 28°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
IOUT1X, IOUT2X, RCOMX to GND................................±0.3V
RVOSX, RFBX, ROFSX, RINX, REFX to GND..................±15V
VDD to GND.................................................. –0.3V to 7V
Digital Inputs and Digital I/O
to GND ..........................–0.3V to VDD+0.3V (max 7V)
(Notes 1, 2)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2755CUP-12#PBF
LTC2755CUP-12#TRPBF
LTC2755UP-12
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2755IUP-12#PBF
LTC2755IUP-12#TRPBF
LTC2755UP-12
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LTC2755CUP-14#PBF
LTC2755CUP-14#TRPBF
LTC2755UP-14
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2755IUP-14#PBF
LTC2755IUP-14#TRPBF
LTC2755UP-14
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LTC2755BCUP-16#PBF
LTC2755BCUP-16#TRPBF
LTC2755UP-16
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2755BIUP-16#PBF
LTC2755BIUP-16#TRPBF
LTC2755UP-16
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LTC2755ACUP-16#PBF
LTC2755ACUP-16#TRPBF
LTC2755UP-16
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2755AIUP-16#PBF
LTC2755AIUP-16#TRPBF
LTC2755UP-16
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LTC2755C..................................................... 0°C to 70°C
LTC2755I.................................................. –40°C to 85°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com