Electronic Components Datasheet Search
  English  ▼

X  

ATPA02 Datasheet(PDF) 5 Page - AMETHERM Circuit Protection Thermistors

Part # ATPA02
Description  K8 Timing Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

ATPA02 Datasheet(HTML) 5 Page - AMETHERM Circuit Protection Thermistors

  ATPA02 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors ATPA02 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors ATPA02 Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors ATPA02 Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors ATPA02 Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors ATPA02 Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors ATPA02 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors ATPA02 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors ATPA02 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AME
Rev.A.03
5
ATPA02
K8 Timing Controller
n Pin Description (Contd.)
n Ordering Information
Note: yy:year (last two digits)
ww:week
xxxxxxx:wafer lot number
##:wafer number (It is a representative if a string of wafer are used.)
Pin No.
Pin Name
I/O Type
Function
12
VDIMM_EN
OD70
Active high. This pin is used to enable the function of the
PWM for VDIMM voltage generation.
13
VDD_EN
OD70
Active high. This pin is used to enable the function of the
PWM for VDD voltage generation.
14
VDDA_EN
OD70
Active high. This pin is used to enable the function of the
VDDA power for ClawHammer.
15
VLDT_EN
OD70
Active high. This pin is used to enable the function of the
VLDT power for ClawHammer.
16
5VSB
Power
Part Number
Marking
Package
Operating Ambient
Temperature Range
ATPA02G
ATPA02G yyww AB
xxxxxxx ##
SOP-16
- 30
oC to +85oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com