Electronic Components Datasheet Search
  English  ▼

X  

LTC2844CG Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2844CG
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2844CG Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2844CG Datasheet HTML 9Page - Linear Technology LTC2844CG Datasheet HTML 10Page - Linear Technology LTC2844CG Datasheet HTML 11Page - Linear Technology LTC2844CG Datasheet HTML 12Page - Linear Technology LTC2844CG Datasheet HTML 13Page - Linear Technology LTC2844CG Datasheet HTML 14Page - Linear Technology LTC2844CG Datasheet HTML 15Page - Linear Technology LTC2844CG Datasheet HTML 16Page - Linear Technology LTC2844CG Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC2844
sn2844 2844fs
V.11 (RS422) Interface
A typical V.11 balanced interface is shown in Figure 14. A
V.11 differential generator with outputs A and B with
ground C is connected to a differential receiver with
ground C
', inputs A' connected to A, B' connected to B. The
V.11 interface has a differential termination at the receiver
end that has a minimum value of 100
Ω. The termination
resistor is optional in the V.11 specification, but for the
high speed clock and data lines, the termination is required
to prevent reflections from corrupting the data. The
receiver inputs must also be compliant with the imped-
ance curve shown in Figure 12.
In V.11 mode, all switches are off except S1 of the
LTC2846’s receivers which connects a 103
Ω differential
termination impedance to the cable as shown in Figure
151. The LTC2844 only handles control signals, so no
termination other than its V.11 receivers’ 30k input imped-
ance is necessary.
Figure 15. V.11 Receiver Configuration
AA
'
B
C
B
'
C
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
100
Ω
MIN
2844 F14
V.28 (RS232) Interface
A typical V.28 unbalanced interface is shown in Figure 16.
A V.28 single-ended generator output A with ground C is
connected to a single-ended receiver with input A
' con-
nected to A, ground C
' connected via the signal return
ground C.
In V.28 mode all switches are off except S3 inside the
LTC2846/LTC2844 which connects a 6k (R8) impedance
to ground in parallel with 20k (R5) plus 10k (R6) for a
combined impedance of 5k as shown in Figure 17. The
noninverting input is disconnected inside the LTC2846/
LTC2844 receiver and connected to a TTL level reference
voltage for a 1.4V receiver trip point.
AA
'
CC
'
GENERATOR
BALANCED
INTERCONNECTING
CABLE
LOAD
CABLE
TERMINATION
RECEIVER
2844 F16
Figure 14. Typical V.11 Interface
R5
20k
LTC2844
RECEIVER
2844 F17
A
'
B
'
C
'
R8
6k
S3
R6
10k
R7
10k
GND
R4
20k
Figure 17. V.28 Receiver Configuration
Figure 16. Typical V.28 Interface
APPLICATIONS INFORMATION
1Actually, there is no switch S1 in receivers R2 and R3. However, for simplicity, all termination
networks on the LTC2846 can be treated identically if it is assumed that an S1 switch exists and is
always closed on the R2 and R3 receivers.
R3
124
Ω
R5
20k
LTC2846
RECEIVER
2844 F15
A
'
B
'
C
'
R1
51.5
Ω
R8
6k
S2
S3
R2
51.5
Ω
R6
10k
R7
10k
GND
R4
20k
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com