Electronic Components Datasheet Search
  English  ▼

X  

TSOP2137 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP2137
Description  Photo Modules for PCM Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP2137 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP2137 Datasheet HTML 1Page - Vishay Siliconix TSOP2137 Datasheet HTML 2Page - Vishay Siliconix TSOP2137 Datasheet HTML 3Page - Vishay Siliconix TSOP2137 Datasheet HTML 4Page - Vishay Siliconix TSOP2137 Datasheet HTML 5Page - Vishay Siliconix TSOP2137 Datasheet HTML 6Page - Vishay Siliconix TSOP2137 Datasheet HTML 7Page - Vishay Siliconix TSOP2137 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TSOP21..
Vishay Telefunken
3 (8)
Rev. 5, 30-Mar-01
www.vishay.com
Document Number 82094
Suitable Data Format
The circuit of the TSOP21... is designed in that way
that unexpected output pulses due to noise or distur-
bance signals are avoided. A bandpassfilter, an
integrator stage and an automatic gain control are
used to suppress such disturbances.
The distinguishing mark between data signal and dis-
turbance signal are carrier frequency, burst length and
duty cycle.
The data signal should fullfill the following condition:
• Carrier frequency should be close to center
frequency of the bandpass (e.g. 38kHz).
• Burst length should be 6 cycles/burst or longer.
• After each burst which is between 6 cycles and 70
cycles a gap time of at least 10 cycles is
neccessary.
• For each burst which is longer than 1.8ms a
corresponding gap time is necessary at some time
in the data stream. This gap time should have at
least same length as the burst.
• Up to 2200 short bursts per second can be received
continuously.
Some examples for suitable data format are:
NEC Code, Toshiba Micom Format, Sharp Code, RC5
Code, RC6 Code, RCMM Code, R–2000 Code,
RECS–80 Code.
When a disturbance signal is applied to the TSOP21...
it can still receive the data signal. However the
sensitivity is reduced to that level that no unexpected
pulses will occure.
Some examples for such disturbance signals which
are suppressed by the TSOP21... are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signal at 38kHz or at any other
frequency
• Signals from fluorescent lamps with electronic
ballast (an example of the signal modulation is
shown in the figure below).
0
5
10
15
20
time [ms]
IR Signal from Fluorescent Lamp with low Modulation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com