Electronic Components Datasheet Search
  English  ▼

X  

LTC2856-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2856-2
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2856-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC2856-2 Datasheet HTML 1Page - Linear Technology LTC2856-2 Datasheet HTML 2Page - Linear Technology LTC2856-2 Datasheet HTML 3Page - Linear Technology LTC2856-2 Datasheet HTML 4Page - Linear Technology LTC2856-2 Datasheet HTML 5Page - Linear Technology LTC2856-2 Datasheet HTML 6Page - Linear Technology LTC2856-2 Datasheet HTML 7Page - Linear Technology LTC2856-2 Datasheet HTML 8Page - Linear Technology LTC2856-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
5
285678fe
SWITCHING CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICCT
Supply Current in Transmit Mode
No Load, DE = VCC,
RE = VCC
LTC2856-1
LTC2858-1
●
630
1000
μA
LTC2856-2
LTC2858-2
●
670
1100
μA
ICCTR
Supply Current with Both Driver and Receiver
Enabled
No Load, DE = VCC,
RE = 0V
LTC2856-1
LTC2857-1
LTC2858-1
●
660
1100
μA
LTC2856-2
LTC2857-2
LTC2858-2
●
700
1200
μA
Driver in LTC2856-1, LTC2857-1, LTC2858-1
fMAX
Maximum Data Rate
(Note 3)
●
20
Mbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
10
50
ns
ΔtPD
Driver Input to Output Difference |tPLHD – tPHLD|RDIFF = 54Ω, CL = 100pF (Figure 4)
●
16
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
1±6
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
4
12.5
ns
tZLD, tZHD,
tLZD, tHZD
Driver Enable or Disable Time
RL = 500Ω, CL = 50pF, RE = 0V,
LTC2856-1, LTC2858-1 (Figure 5)
●
70
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL = 500Ω, CL = 50pF, RE = VCC,
LTC2856-1, LTC2858-1 (Figure 5)
●
8μs
tSHDN
Time to Shutdown
(DE =
↓, RE = VCC) or (DE = 0V, RE = ↑),
LTC2856-1, LTC2858-1 (Figure 5)
●
100
ns
Driver in LTC2856-2, LTC2857-2, LTC2858-2
fMAXS
Maximum Data Rate
(Note 3)
●
250
kbps
tPLHDS, tPHLDS Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
0.95
1.5
μs
ΔtPDS
Driver Input to Output Difference |tPLHD – tPHLD|RDIFF = 54Ω, CL = 100pF (Figure 4)
●
50
500
ns
tSKEWDS
Driver Output A to Output B
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
200
±500
ns
tRDS, tFDS
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
0.90
1.5
μs
tZHDS, tZLDS
Driver Enable Time
RL = 500Ω, CL = 50pF, RE = 0V,
LTC2856-2, LTC2858-2 (Figure 5)
●
300
ns
tLZDS, tHZDS
Driver Disable Time
RL = 500Ω, CL = 50pF, RE = 0V,
LTC2856-2, LTC2858-2 (Figure 5)
●
70
ns
tZHSDS, tZLSDS Driver Enable from Shutdown
RL = 500Ω, CL 50pF, RE = VCC,
LTC2856-2, LTC2858-2 (Figure 5)
●
8μs
tSHDNS
Time to Shutdown
(DE = 0V, RE
↑) or (DE = ↓, RE = VCC),
LTC2856-2, LTC2858-2 (Figure 5)
●
500
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output
CL = 15pF, VCM = 1.5V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 6)
●
50
70
ns
tSKEWR
Differential Receiver Skew, |tPLHR – tPHLR|CL = 15pF (Figure 6)
●
16
ns
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
●
3
12.5
ns
tZLR, tZHR,
tLZR, tHZR
Receiver Enable/Disable
RL = 1k, CL = 15pF, DE = VCC,
LTC2856-1, LTC2856-2, LTC2858-1,
LTC2858-2 (Figure 7)
●
50
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
RL = 1k, CL = 15pF, DE = 0V,
LTC2856-1, LTC2856-2, LTC2858-1,
LTC2858-2 (Figure 7)
●
8μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com