| Electronic Components Datasheet Search |
|
LTC2915 Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2915 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 12 page ![]() LTC2915/LTC2916 4 29156fa SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Reset Timer Control (RT) IRT(UP) RT Pull-Up Current VRT = 0.25V l –2 –3 –4 μA IRT(DOWN) RT Pull-Down Current VRT = 1.1V l 234 μA IRT(INT) Internal RT VCC Detect Current VRT = VCC l 18 μA VRT(INT,LH) RT Internal Timer Threshold VRT Rising, Referenced to VCC l –100 –160 –300 mV Reset Output (RST) tRST(INT) Internal Reset Timeout Period VRT = VCC l 150 200 260 ms tRST(EXT) Adjustable Reset Timeout Period CRT = 2.2nF l 16 20 25 ms tUV VM Undervoltage Detect to RST Asserted VM Less Than Reset Threshold VMTX by More Than 5% l 10 80 150 μs VOL Output Voltage Low RST VCC = 3.3V, IRST = 2.5mA VCC = 1V, IRST = 100μA VCC = 0.8V, IRST = 15μA l l l 0.15 0.15 0.05 0.4 0.3 0.2 V V V IOH(RST) RST Output Voltage High Leakage RST = VCC l ±1 μA Manual Reset Input (LTC2916) VIL Input Low Voltage l 0.2 • VCC V VIH Input High Voltage l 0.8 • VCC V RPU Pull Up Resistance l 50 100 150 k Ω tPW Pulsewidth l 250 ns Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: All currents into pins are positive; all voltages are referenced to GND unless otherwise noted. ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V, unless otherwise noted. (Note 2) Note 3: VCC maximum pin voltage is limited by input current. Since the VCC pin has an internal 6.2V shunt regulator, a low impedance supply which exceeds 5.7V may exceed the rated terminal current. Operation from higher voltage supplies requires a series dropping resistor. See Applications Information. Note 4: Input impedance is dependent on the configuration of the SEL pins. TIMING DIAGRAM Monitor Input Timing VM RST VMTx 1V tUV tRST 29156 TD01 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |