Electronic Components Datasheet Search
  English  ▼

X  

AWT6331 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6331
Description  ZeroICTM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6331 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6331 Datasheet HTML 1Page - ANADIGICS, Inc AWT6331 Datasheet HTML 2Page - ANADIGICS, Inc AWT6331 Datasheet HTML 3Page - ANADIGICS, Inc AWT6331 Datasheet HTML 4Page - ANADIGICS, Inc AWT6331 Datasheet HTML 5Page - ANADIGICS, Inc AWT6331 Datasheet HTML 6Page - ANADIGICS, Inc AWT6331 Datasheet HTML 7Page - ANADIGICS, Inc AWT6331 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Data Sheet - Rev 2.1
10/2008
AWT6331
Table 4: Electrical Specifications - CDMA Operation (IS-95 Modulation)
(TC = +25 °C, VBATT = VCC = +3.4 V, VEN = +2.4 V, 50 Ω system)
Notes:
(1) PAE and ACP limit applies at 836.5 MHz (IS-95 modulation).
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain
Insertion Loss
25
-
28
0.7
30.5
1.5
dB
POUT = +28 dBm, VMODE = +2.4 V
VMODE = 0 V
Adjacent Channel Power
at 885 kHz offset (1)
Primary Channel BW = 1.23 MHZ
Adjacent Channel BW = 30 kHz
-
-
-50
-70
-46.5
-
dBc
POUT = +28 dBm, VMODE = +2.4 V
VMODE = 0 V
Adjacent Channel Power
at 1.98 MHz offset (1)
Primary Channel BW = 1.23 MHZ
Adjacent Channel BW = 30 kHz
-
-
-58.5
-70
-56
-
dBc
POUT = +28 dBm, VMODE = +2.4 V
VMODE = 0 V
Isolation
32
40
-
dB
RFOUT to RFIN_SWITCH, VMODE = +2.4
V, PA "on"
Power-Added Efficiency (1)
36
39
-
%
POUT = +28 dBm, VMODE = +2.4 V
Enable Current
-
<0.1
0.25
mA
through VEN pin, VEN = +2.4 V
Mode Control Current
-
<0.01
0.1
mA
through VMODE pin, VMODE = +2.4 V
Leakage Current
-
<10
15
A
VCC = +4.2 V, VEN = 0 V,
VMODE = 0 V or +2.4 V
-
<10
18
VCC = +4.2 V, VEN = +2.4 V,
VMODE = 0 V, Switch Mode
Noise in Receive Band
-
-135
-133 dBm/Hz 869 MHz to 894 MHz
Harmonics
2fo
3fo, 4fo
-
-
-40
-45
-30
-30
dBc
CW Measurement
Input Impedance
-
-
2:1
VSWR
Spurious Output Level
(all spurious outputs)
-
-
-65
dBc
POUT < +28 dBm
In-band Load VSWR < 5:1
Out-of-band Load VSWR < 10:1
Applies over all operating conditions
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR Applies over all operating conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com