Electronic Components Datasheet Search
  English  ▼

X  

LTC2927 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2927
Description  Single Power Supply Tracking Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2927 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2927 Datasheet HTML 8Page - Linear Technology LTC2927 Datasheet HTML 9Page - Linear Technology LTC2927 Datasheet HTML 10Page - Linear Technology LTC2927 Datasheet HTML 11Page - Linear Technology LTC2927 Datasheet HTML 12Page - Linear Technology LTC2927 Datasheet HTML 13Page - Linear Technology LTC2927 Datasheet HTML 14Page - Linear Technology LTC2927 Datasheet HTML 15Page - Linear Technology LTC2927 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2927
13
2927fb
Final Sanity Checks
The collection of equations below is useful for identifying
unrealizable solutions.
As stated in step 2, the slave supply must finish ramping
before the master signal has reached its final voltage. This
can be verified by the following equation:
V
R
R
V
TRACK
TB
TA
MASTER
1
+
⎛
⎝⎜
⎞
⎠⎟
<
Here, VTRACK = 0.8V. VMASTER is the final voltage of the
master signal (VCC if RAMP pin).
It is possible to choose resistor values that require the
LTC2927 to supply more current than the Electrical Char-
acteristics table guarantees. To avoid this condition, check
that ITRACK does not exceed 1mA and IRAMPBUF does not
exceed ±2mA.
To confirm that ITRACK < 1mA, the TRACK pin’s maximum
guaranteed current, verify that:
V
RR
mA
TRACK
TA
TB
< 1
Finally, check that the RAMPBUF pin will not be forced to
sink more than 2mA when it is at 0V or be forced to source
more than 2mA when it is at VMASTER.
V
R
mA and
V
RR
mA
TRACK
TB
MASTER
TA
TB
<
+
<
22
ON Pin Resistive Divider
Check that the ON pin voltage is above the 1.25V maximum
threshold at the lowest possible supply voltage value.
R
R
V
V
ONB
ONA
CC MIN
<
()
.
–
125
1
Also check that the supply voltage is above the minimum
LTC2927 operating supply voltage of 2.9V before the ON
pin is above the 1.21V minimum threshold voltage.
Figure 17. Weak Resistive Load
2927 F17
10ms/DIV
1V/DIV
MASTER
SLAVE
R
R
V
V
ONB
ONA
<
29
121
1
.
.
–
For example, if the typical application shown on page 1
has a 3.3V ±10% VIN, the lowest possible operating supply
voltage will be 2.97.
R
R
V
V
ONB
ONA
>=
297
125
1 1 376
.
.
–.
If RONA is 100k then RONB must be greater than 137.6k.
Therefore, 138k is chosen. These values must be checked
to ensure the supply reaches the LTC2927 minimum op-
erating supply voltage of 2.9V before the ON pin is above
the minimum threshold.
138
29
121
1 1 389
.
.
.
–.
<=
V
V
Load Requirements
When the supply is ramped down quickly, either the load
or the supply itself must be capable of sinking enough
current to support the ramp rate. For example, if there
is a large output capacitance on the supply and a weak
resistive load, supplies that do not sink current will have
their falling ramp rate limited by the RC time constant of
the load and the output capacitance. Figure 17 shows the
case when the slave supply does not track the master
near ground.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com