Electronic Components Datasheet Search
  English  ▼

X  

LTC2926CUFD Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2926CUFD
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926CUFD Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2926CUFD Datasheet HTML 5Page - Linear Technology LTC2926CUFD Datasheet HTML 6Page - Linear Technology LTC2926CUFD Datasheet HTML 7Page - Linear Technology LTC2926CUFD Datasheet HTML 8Page - Linear Technology LTC2926CUFD Datasheet HTML 9Page - Linear Technology LTC2926CUFD Datasheet HTML 10Page - Linear Technology LTC2926CUFD Datasheet HTML 11Page - Linear Technology LTC2926CUFD Datasheet HTML 12Page - Linear Technology LTC2926CUFD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC2926
9
2926fa
FU CTIO AL BLOCK DIAGRA
UVLO
R
SQ
FAULT LATCH
0.8V
VCC
2926 BD
FB1
RAMPBUF
VCC
TRACK2
TRACK1
GND
VCC
2.4V
D2
FB2
S2
RAMP
0.8V
1.23V
VCC + 4.9V
RSGATE
VCC
1x
D1
S1
10
µA
10
µA
10
µA/30µA
10
µA/30µA
UVLO
PGTMR HIGH
PGI LOW
CHARGE
PUMP
MGATE
GATE UP
CHARGE
PUMP
10
µA
–
+
–
+
1.23V
RSGATE
–
+
RAMP + 4.9V
MGATE
–
+
VCC
RAMP
–
+
VCC + 4.9V
SGATE1
–
+
VCC + 4.9V
SGATE2
–
+
–
+
ON
–
+
–
+
–
+
SGATE2
STATUS/PGI
FAST PULL-DOWN
1.23V
FAULT
UVLO
1.23V
–
+
0.6V
–
+
DELAY
0.5V
–
+
DELAY
VCC
8.5
µA
0.5V
–
+
FAULT
R
SQ
CLEAR/ARM
SIGNAL LATCH
VCC
10
µA
0.1V
–
+
PGTMR
FAST
PULL-DOWN
10
µA
10
µA
CHARGE
PUMP
RSGATE
RSGATE UP
FAST
PULL-DOWN
CHARGE
PUMP
SGATE1
UP/DOWN
FAST
PULL-DOWN
CLR/ARM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com