Electronic Components Datasheet Search
  English  ▼

X  

LTC2928CUHF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2928CUHF
Description  Multichannel Power Supply Sequencer and Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2928CUHF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2928CUHF Datasheet HTML 17Page - Linear Technology LTC2928CUHF Datasheet HTML 18Page - Linear Technology LTC2928CUHF Datasheet HTML 19Page - Linear Technology LTC2928CUHF Datasheet HTML 20Page - Linear Technology LTC2928CUHF Datasheet HTML 21Page - Linear Technology LTC2928CUHF Datasheet HTML 22Page - Linear Technology LTC2928CUHF Datasheet HTML 23Page - Linear Technology LTC2928CUHF Datasheet HTML 24Page - Linear Technology LTC2928CUHF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2928
21
2928f
Forcing Supplies Off or Disabling Unused Channels
The most convenient way to mask an unused channel is
to tie its respective RT input to ground. After sequenc-
ing begins, any enable output (EN) may be pulled low
permanently by driving the respective RT input to ground
(asynchronous OFF command). An asynchronously OFF
channel cannot be re-enabled until a new sequence-up
procedure is started. Any channel that is asynchronously
OFF is removed from participation in the sequencing and
supply monitoring processes, allowing the LTC2928 to
operate normally on the remaining operating channels.
When experiencing a fault in the “No Shutdown Debug
Mode”, the asynchronous OFF feature may be used to
conveniently pull down the enable outputs. Alternatively,
VCC may be turned off and on again. Clearing a fault con-
dition requires the ON input to be low while the supplies
are below their sequence-down thresholds.
Forcing Supplies On Prior to Sequencing
Prior to sequencing, any or all enable pins may be forced
high by pulling the respective RT pin to VCC. In this man-
ner, supplies may be tested individually or together in any
combination.WithanyRTpinatVCC,therespectivevoltage
monitorinputsandcomparatoroutputsbecomeactivewith
thresholds parked at the configured sequence-up thresh-
old. Outside of sequencing, RST (with 100% thresholds
selected) and OV are always functional, regardless of
RT pin state. If all four RT pins are at VCC, the LTC2928
can be used as a stand-alone quad voltage monitor with
under- and overvoltage indication as shown in Figure 11
(100% thresholds). With ON low in the RT forcing mode,
sequence,commandandresetfaultsdonotoccur.External
faultshowever,maybedetected(overvoltage,forexample).
Any previously logged faults remain in memory and their
reporting will return upon exiting the forcing mode.
EN1
LTC2928
EN2
EN3
EN4
RT1
HVCC
3.32k
SUPPLY
BANK
0.047 F
VCC
0.1 F
RT4
CMP1
CMP2
CMP3
CMP4
SQT2
SQT1
ON
V1
V2
V3
V4
MS1
MS2
RT2
RT3
VSEL
GND
RTMR
PTMR
STMR
VCC
REF
OVA
DONE
FLT
OV
RDIS
CAS
RST
10k
10k
10k
10k
10k
52.3k
3.3V
1.8V
1.5V
2.5V
23.7k
17.8k
36.5k
10k
2928 TA05
SYSTEM
LOGIC
Figure 11. Quad Supervisor (No Sequencing)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com