Electronic Components Datasheet Search
  English  ▼

X  

LTC2931 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2931
Description  Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2931 Datasheet(HTML) 2 Page - Linear Technology

  LTC2931 Datasheet HTML 1Page - Linear Technology LTC2931 Datasheet HTML 2Page - Linear Technology LTC2931 Datasheet HTML 3Page - Linear Technology LTC2931 Datasheet HTML 4Page - Linear Technology LTC2931 Datasheet HTML 5Page - Linear Technology LTC2931 Datasheet HTML 6Page - Linear Technology LTC2931 Datasheet HTML 7Page - Linear Technology LTC2931 Datasheet HTML 8Page - Linear Technology LTC2931 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2931
2
2931fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
V1, V2, V3, V4, V5, V6, VPG ........................ –0.3V to 7V
RST , COMP1-6............................................ –0.3V to 7V
CWT, WDO.................................................... –0.3V to 7V
CRT, VREF, WDI ............................. –0.3V to (VCC + 0.3V)
Reference Load Current (IVREF)..............................±1mA
V4 Input Current (–ADJ Mode) ..............................–1mA
RST , WDO, COMP1-6 Currents...........................±10mA
Operating Temperature Range
LTC2931C ................................................ 0°C to 70°C
LTC2931I.............................................. –40°C to 85°C
LTC2931H .......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Notes 1, 2, 3)
F PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
COMP5
V5
COMP3
COMP1
V3
V1
CRT
RST
WDO
WDI
COMP6
V6
COMP2
COMP4
V2
V4
VREF
VPG
GND
CWT
TJMAX = 130°C, θJA = 90°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2931CF#PBF
LTC2931CF#TRPBF
LTC2931F
20-Lead Plastic TSSOP
0°C to 70°C
LTC2931IF#PBF
LTC2931IF#TRPBF
LTC2931F
20-Lead Plastic TSSOP
–40°C to 85°C
LTC2931HF#PBF
LTC2931HF#TRPBF
LTC2931F
20-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Minimum Internal Operating Voltage
RST, COMPn in Correct Logic State
●
1V
VCCMINP
Minimum Required for Mode Selection
VCC Rising
●
2.4
V
VCCMINC
Minimum Required for Comparators
VCC Falling
●
2.3
V
VRT50
5V, 5% Reset Threshold
V1 Input Threshold
●
4.600
4.675
4.750
V
VRT33
3.3V, 5% Reset Threshold
V1, V2 Input Threshold
●
3.036
3.086
3.135
V
VRT30
3V, 5% Reset Threshold
V2 Input Threshold
●
2.760
2.805
2.850
V
VRT25
2.5V, 5% Reset Threshold
V2, V3 Input Threshold
●
2.300
2.338
2.375
V
VRT18
1.8V, 5% Reset Threshold
V3, V4 Input Threshold
●
1.656
1.683
1.710
V
VRT15
1.5V, 5% Reset Threshold
V3, V4 Input Threshold
●
1.380
1.403
1.425
V
VRTA
ADJ Reset Threshold
V3, V4, V5, V6 Input Threshold
●
492.5
500
507.5
mV
VRTAN
–ADJ Reset Threshold
V4 Input Threshold
●
–18
0
18
mV
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise specified. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com