Electronic Components Datasheet Search
  English  ▼

X  

LTC2932 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2932
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2932 Datasheet(HTML) 3 Page - Linear Technology

  LTC2932 Datasheet HTML 1Page - Linear Technology LTC2932 Datasheet HTML 2Page - Linear Technology LTC2932 Datasheet HTML 3Page - Linear Technology LTC2932 Datasheet HTML 4Page - Linear Technology LTC2932 Datasheet HTML 5Page - Linear Technology LTC2932 Datasheet HTML 6Page - Linear Technology LTC2932 Datasheet HTML 7Page - Linear Technology LTC2932 Datasheet HTML 8Page - Linear Technology LTC2932 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2932
3
2932fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT25
2.5V, 5% Reset Threshold
2.5V, 7.5% Reset Threshold
2.5V, 10% Reset Threshold
2.5V, 12.5% Reset Threshold
V2, V3 Input Threshold
●
●
●
●
2.300
2.238
2.175
2.113
2.338
2.275
2.213
2.150
2.375
2.313
2.250
2.188
V
V
V
V
VRT18
1.8V, 5% Reset Threshold
1.8V, 7.5% Reset Threshold
1.8V, 10% Reset Threshold
1.8V, 12.5% Reset Threshold
V3, V4 Input Threshold
●
●
●
●
1.656
1.611
1.566
1.521
1.683
1.638
1.593
1.548
1.710
1.665
1.620
1.575
V
V
V
V
VRT15
1.5V, 5% Reset Threshold
1.5V, 7.5% Reset Threshold
1.5V, 10% Reset Threshold
1.5V, 12.5% Reset Threshold
V3, V4 Input Threshold
●
●
●
●
1.380
1.343
1.305
1.268
1.403
1.365
1.328
1.290
1.425
1.388
1.350
1.313
V
V
V
V
VRTA
ADJ, 5% Reset Threshold
ADJ, 7.5% Reset Threshold
ADJ, 10% Reset Threshold
ADJ, 12.5% Reset Threshold
V3, V4, V5, V6 Input Threshold
●
●
●
●
492.5
479.4
466.3
453.1
500.0
486.6
473.3
459.9
507.5
494
480.4
466.8
mV
mV
mV
mV
VRTAN
–ADJ Reset Threshold
V4 Input Threshold
●
–18
0
18
mV
VREF
Reference Voltage
VCC ≥ 2.3V, IVREF = ±1mA, CREF ≤ 1000pF
T0 Low, T1 Low
T0 Low, T1 High
T0 High, T1 Low
T0 High, T1 High
●
●
●
●
1.192
1.160
1.128
1.096
1.210
1.178
1.146
1.113
1.228
1.195
1.163
1.130
V
V
V
V
VPG
Mode Selection Voltage Range
VCC ≥ VCCMINP
●
0VREF
V
IVPG
VPG Input Current
VPG = VREF
●
±20
nA
IV1
V1 Input Current
V1 = 5V, IVREF = 12μA (Note 4)
●
52
75
μA
IV2
V2 Input Current
V2 = 3.3V
●
0.8
2
μA
IV3
V3 Input Current
V3 = 2.5V
V3 = 0.55V (ADJ Mode)
●
●
0.52
1.2
±15
μA
nA
IV4
V4 Input Current
V4 = 1.8V
V4 = 0.55V (ADJ Mode)
V4 = –0.02V (–ADJ Mode)
●
●
●
0.34
0.8
±15
±15
μA
nA
nA
IV5, IV6
V5, V6 Input Current
V5, V6 = 0.55V
●
±15
nA
ICRT(UP)
CRT Pull-Up Current
VCRT = GND
●
–1.4
–2
–2.6
μA
ICRT(DN)
CRT Pull-Down Current
VCRT = 1.3V
●
10
20
30
μA
ICOMPn
COMPn Pull-Up Current
VCOMPn = GND
●
–2
–6
–12
μA
tRST
Reset Timeout Period
CRT = 1500pF
●
234
ms
tUV
Vn Undervoltage Detect to RST or
COMPn
Vn Less Than Reset Threshold by More
than 1%
150
μs
VOL
Voltage Output Low RST, COMPn
ISINK = 3mA, VCC = 3V
ISINK = 100μA, VCC = 1V
●
●
0.15
0.05
0.4
0.3
V
V
VOH
Voltage Output High RST, COMPn
(Note 5)
ISOURCE = –1μA
●
V2-1
V
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise specified. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com