Electronic Components Datasheet Search
  English  ▼

X  

LTC2934 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2934
Description  Ultra-Low Power Adjustable Supervisor with Power-Fail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2934 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2934 Datasheet HTML 4Page - Linear Technology LTC2934 Datasheet HTML 5Page - Linear Technology LTC2934 Datasheet HTML 6Page - Linear Technology LTC2934 Datasheet HTML 7Page - Linear Technology LTC2934 Datasheet HTML 8Page - Linear Technology LTC2934 Datasheet HTML 9Page - Linear Technology LTC2934 Datasheet HTML 10Page - Linear Technology LTC2934 Datasheet HTML 11Page - Linear Technology LTC2934 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC2934
9
2934f
TYPICAL APPLICATIONS
Battery Monitor with Interface to Low Voltage Logic
Alkaline Cell Stack Voltage Monitor
Coin Cell Voltage Monitor
1.18M
1μF
590k
100k
324k
100k
100k
VCC
VDD
μP
POWER FAIL FALLING THRESHOLD = 3.192V
RESET FALLING THRESHOLD = 1.696V
*OPTIONAL RESISTOR FOR ADDED ESD PROTECTION
2934 TA02
698k
100k
NMI
RST
RT
ADJ
Li-Ion
0.1μF
SHDN
IN
OUT
3μA LDO
1.8V
ADJ
PFO
PB1
RST
PFI
MR
LTC2934-1
LT3009
RESD*
10k
GND
GND
+
VCC
2934 TA03
RT
ADJ
1.5V
0.1μF
PFI
LTC2934-2
GND
+
1.5V
+
1.5V
+
RST
PFO
MR
POWER FAIL THRESHOLD = 2.628V
RESET THRESHOLD = 2.428V
845k
12.7k
LOW BATTERY
SYSTEM RESET
154k
APPLICATIONS INFORMATION
Manual Reset Input
When VCC is above its reset threshold, and the manual
reset input (MR) is pulled low, the RST output is forced
low. RST remains low for the selected reset timeout
period after the manual reset input is released and pulled
high. The manual reset input is pulled up internally through
900k to VCC. If external leakage currents have the ability
to pull down the manual reset input below its logic thresh-
old, a lower value pull-up resistor, placed between VCC and
MR will fix the problem.
Input MR is often pulled down through a pushbutton
switch requiring human contact. If extended ESD toler-
ance is required, series resistance between the switch and
the input is recommended. For most applications a 10k
resistor provides sufficient current limiting.
Selecting the Reset Timeout Period
Use the RT input to select between two fixed reset timeout
periods. Connect RT to ground for a 15ms timeout. Connect
RT to VCC for a 200ms timeout. The reset timeout period
occurs after the ADJ input is driven above threshold. After
the reset timeout period, the RST output is allowed to pull
up to a high state.
VCC
2934 TA04
RT
ADJ
0.1μF
PFI
LTC2934-2
GND
CR2032
+
RST
PFO
MR
POWER FAIL THRESHOLD = 2.727V
RESET THRESHOLD = 2.553V
845k
10k
147k
LOW BATTERY
SYSTEM RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com