Electronic Components Datasheet Search
  English  ▼

X  

LTC2857HDD-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2857HDD-2
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2857HDD-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2857HDD-2 Datasheet HTML 2Page - Linear Technology LTC2857HDD-2 Datasheet HTML 3Page - Linear Technology LTC2857HDD-2 Datasheet HTML 4Page - Linear Technology LTC2857HDD-2 Datasheet HTML 5Page - Linear Technology LTC2857HDD-2 Datasheet HTML 6Page - Linear Technology LTC2857HDD-2 Datasheet HTML 7Page - Linear Technology LTC2857HDD-2 Datasheet HTML 8Page - Linear Technology LTC2857HDD-2 Datasheet HTML 9Page - Linear Technology LTC2857HDD-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
6
285678fe
TEST CIRCUITS
–
+
DRIVER
DI
GND
OR
VCC
R
285678 F01
Y
Z
R
VOC
–
+
VOD
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
DRIVER
DI
GND
OR
VCC
285678 F02
Y
Z
+
–
IOSD
–7V TO +12V
+
–
RECEIVER
285678 F03
A OR B
VIN
IIN
B OR A
VIN
IIN
RIN =
Figure 3. Receiver Input Current and Input Resistance
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. High temperatures degrade operating lifetimes.
Operating lifetime is derated at temperatures greater than 105°C.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: Maximum data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Overtemperature protection actives at a junction temperature exceeding
150°C. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com