Electronic Components Datasheet Search
  English  ▼

X  

LTC2935 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 4 Page - Linear Technology

  LTC2935 Datasheet HTML 1Page - Linear Technology LTC2935 Datasheet HTML 2Page - Linear Technology LTC2935 Datasheet HTML 3Page - Linear Technology LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC2935
4
2935f
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Normalized Reset and Power-Fail
Thresholds vs Temperature
Comparator Undervoltage
Glitch Immunity
Reset Timeout Period
vs Temperature
Voltage Output Low vs Pull-Up
Current (RST, PFO)
Voltage Output High vs Pull-Down
Current (RST, PFO)
VCC (V)
0
0
200
400
600
800
1000
1
23
4
2935 G01
56
–40°C
25°C
85°C
S0 = S1 = S2 = GND
TEMPERATURE (°C)
–50
0.985
0.990
0.995
1.000
1.005
1.015
–25
025
50
2935 G02
75
100
1.010
COMPARATOR OVERDRIVE (%)
0.1
2.0
2.5
1
10
100
1.5
1.0
0.5
0
3.0
2935 G03
VCC = 3.6V
COMPARATORS PULL DOWN
ABOVE CURVE
TEMPERATURE (°C)
–50
140
160
180
200
220
260
–25
025
50
2935 G04
75
100
240
VCC = 3.6V
PULL-UP CURRENT (mA)
0
0
20
40
60
80
100
1
234
2935 G05
5
–40°C
25°C
85°C
VCC = 3V
PULL-DOWN CURRENT (mA)
0
3.2
3.3
3.4
3.5
3.6
–0.2
–0.4
–0.6
–0.8
2935 G06
–1
–40°C
25°C
85°C
LTC2935-2
VCC = 3.6V
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com