Electronic Components Datasheet Search
  English  ▼

X  

GOG96024 Datasheet(PDF) 3 Page - Green Power Solutions srl

Part # GOG96024
Description  THREE PHASE AC-DC BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOG96024 Datasheet(HTML) 3 Page - Green Power Solutions srl

  GOG96024 Datasheet HTML 1Page - Green Power Solutions srl GOG96024 Datasheet HTML 2Page - Green Power Solutions srl GOG96024 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
THREE PHASE AC-DC BRIDGE
GOG96024
Cooling:
Fan type:
single phase axial
Number of fans:
2
Voltage:
230 V
Current:
0.6 A
Frequency:
50/60 Hz
Noise:
62 dBA
Document GOG96024T001
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
FAN 2
FAN BOARD
31
32
U3
PE
FAN 1
V3
U3-V3: MAIN SUPPLY
31-32: FAN BOARD CONTACT (CLOSED WHEN FAN RUNNING)
PE: GROUND CONNECTION (GND)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com