Electronic Components Datasheet Search
  English  ▼

X  

LTC2951-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2951-1
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2951-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC2951-1 Datasheet HTML 1Page - Linear Technology LTC2951-1 Datasheet HTML 2Page - Linear Technology LTC2951-1 Datasheet HTML 3Page - Linear Technology LTC2951-1 Datasheet HTML 4Page - Linear Technology LTC2951-1 Datasheet HTML 5Page - Linear Technology LTC2951-1 Datasheet HTML 6Page - Linear Technology LTC2951-1 Datasheet HTML 7Page - Linear Technology LTC2951-1 Datasheet HTML 8Page - Linear Technology LTC2951-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2951-1/LTC2951-2
2
295112fa
Supply Voltage (VIN) ..................................– 0.3V to 33V
Input Voltages
⎯P⎯B............................................................– 6V to 33V
KILLT ....................................................– 0.3V to 2.7V
OFFT .....................................................– 0.3V to 2.7V
⎯K⎯I⎯L⎯L .........................................................– 0.3V to 7V
Output Voltages
⎯I⎯⎯N⎯T.........................................................– 0.3V to 10V
EN/⎯E⎯N ....................................................– 0.3V to 10V
(Note 1)
Operating Temperature Range
LTC2951C-1 .............................................. 0°C to 70°C
LTC2951C-2 .............................................. 0°C to 70°C
LTC2951I-1 .......................................... – 40°C to 85°C
LTC2951I-2 .......................................... – 40°C to 85°C
Storage Temperature Range
DFN Package..................................... – 65°C to 125°C
TSOT-23............................................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER PART
NUMBER
DDB PART*
MARKING
TJMAX = 125°C, θJA = 165°C/W
EXPOSED PAD (PIN 9) UNCONNECTED
LBTB
LBTD
LBTB
LBTD
TJMAX = 125°C, θJA = 140°C/W
ORDER PART
NUMBER
TS8 PART*
MARKING
LTBTC
LTBTF
LTBTC
LTBTF
LTC2951CDDB-1
LTC2951CDDB-2
LTC2951IDDB-1
LTC2951IDDB-2
LTC2951CTS8-1
LTC2951CTS8-2
LTC2951ITS8-1
LTC2951ITS8-2
VIN 1
PB 2
KILLT 3
GND 4
8 KILL
7 OFFT
6 EN/EN
5 INT
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TOP VIEW
DDB8 PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
INT
EN/EN
OFFT
KILL
GND
KILLT
PB
VIN
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.7V to 26.4V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage Range
Steady State Operation
●
2.7
26.4
V
IIN
VIN Supply Current
System Power On, VIN = 2.7V to 24V
●
6
12
µA
VUVL
VIN Undervoltage Lockout
VIN Falling
●
2.2
2.3
2.4
V
VUVL(HYST)
VIN Undervoltage Lockout Hysteresis
●
50
300
600
mV
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.
* The temperature grade is identified by a label on the shipping container.
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com