Electronic Components Datasheet Search
  English  ▼

X  

GPDN4100 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GPDN4100
Description  AVALANCHE RECTIFIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDN4100 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GPDN4100 Datasheet HTML 1Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GPDN4100
AVALANCHE RECTIFIER DIODE
VOLTAGE UP TO
2900 - 3200 V
AVERAGE CURRENT
1000 A
SURGE CURRENT
9.5 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
2900 - 3200
V
VRSM
Non-repetitive peak reverse voltage
V
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tjmax
50
mA
PRSM
Peak reverse power, max
Tjmax, tp = 20µs
50
kW
FORWARD CHARACTERISTICS
IF(AV)
Average forward current
Sine wave,180°conduction, T h = 55°C
1000
A
IF(RMS)
R.M.S. forward current
Sine wave,180°conduction, Th = 55°C
1571
A
IFSM
Surge forward current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
9.5
kA
I²t
I² t for fusing coordination
451
kA²s
VF(TO)
Threshold voltage
Tj = Tjmax
0.93
V
rF
Forward slope resistance
Tj = Tjmax
0.520
m
Ω
VFM
Peak forward voltage, max
Forward current IF = 1200 A, Tj = Tjmax
1.55
V
SWITCHING CHARACTERISTICS
Qrr
Rverse recovery charge, typ
Tj = Tjmax, IF = 1000 A, di/dt = -5 A/µs
µC
Irr
Reverse recovery current
A
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.040
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.007
°C/W
Tjmax
Max operating junction temperature
160
°C
Tstg
Storage temperature
-40 / 160
°C
F
Clamping force ± 10%
11
kN
Mass
300
g
Document GPDN4100T001
Value
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Similar Part No. - GPDN4100

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDN4100 GPSEMI-GPDN4100 Datasheet
142Kb / 2P
AVALANCHE RECTIFIER DIODE
GPDN4100 GPSEMI-GPDN4100_12 Datasheet
142Kb / 2P
AVALANCHE RECTIFIER DIODE
More results

Similar Description - GPDN4100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS35 IXYS-DS35 Datasheet
40Kb / 2P
Rectifier Diode Avalanche Diode
DSA1-12D IXYS-DSA1-12D Datasheet
34Kb / 1P
Rectifier Diode Avalanche Diode
DSA9-12F IXYS-DSA9-12F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
logo
ABB
5SDA16F3806 ABB-5SDA16F3806 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
5SDA11D1702 ABB-5SDA11D1702 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
logo
Green Power Solutions s...
GPDN4087 GPSEMI-GPDN4087 Datasheet
108Kb / 1P
AVALANCHE RECTIFIER DIODE
GPDP4218 GPSEMI-GPDP4218 Datasheet
112Kb / 1P
AVALANCHE RECTIFIER DIODE
GPDP4189 GPSEMI-GPDP4189_12 Datasheet
146Kb / 2P
AVALANCHE RECTIFIER DIODE
GPDP4247 GPSEMI-GPDP4247_12 Datasheet
140Kb / 2P
AVALANCHE RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
Rectifier Diode Avalanche Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com