Electronic Components Datasheet Search
  English  ▼

X  

LTC2952CF Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2952CF
Description  Push Button PowerPathTM Controller with Supervisor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CF Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2952CF Datasheet HTML 20Page - Linear Technology LTC2952CF Datasheet HTML 21Page - Linear Technology LTC2952CF Datasheet HTML 22Page - Linear Technology LTC2952CF Datasheet HTML 23Page - Linear Technology LTC2952CF Datasheet HTML 24Page - Linear Technology LTC2952CF Datasheet HTML 25Page - Linear Technology LTC2952CF Datasheet HTML 26Page - Linear Technology LTC2952CF Datasheet HTML 27Page - Linear Technology LTC2952CF Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC2952
25
2952f
TYPICAL APPLICATIONS
Direct Power Path Control with Push-Button Control, Voltage Monitors and Watchdog
Critical System with Primary Supply and Temporary Battery Backup with Push-Button Control, Voltage Monitors and Watchdog
LTC2952
µP
G1
VM
RST
INT
G1STAT
PFO
KILL
WDE
G2
V1
V2
M1
M2
PFI
PB
EN
S1
Q1
Q3
VS
ONT
CONT*
22nF
GND
OFFT
COFFT*
68nF
R11
1k
*OPTIONAL
2952 TA05
WALL ADAPTER
5V
Si7925DN
R1
511k
R2
100k
R5
10k
R8
10k
R7
10k
R6
10k
4.2V
SINGLE
CELL
Li-Ion
BATTERY
D4
R3
845k
R4
100k
Q4
Si7925DN
Q2
CVS
0.1
µF
LTC2952
µP
LTC3728
RUN/SS
VOUT
VIN
PFI
S1
G1
VM
RST
INT
G1STAT
PFO
KILL
WDE
G2
V1
V2
M1
M2
PB
EN
VS
ONT
CONT*
22nF
GND
OFFT
COFFT*
68nF
R3
1.82M
*OPTIONAL
2952 TA06
R4
100k
Q1
SUB75P03-07
PRIMARY POWER
12V TO 30V
3.3V
Q2
SUB75P03-07
12V BATTERY
C2
0.1nF
R9
2.15M
R10
100k
R1
511k
R2
100k
R5
10k
R8
10k
R7
10k
R6
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com