Electronic Components Datasheet Search
  English  ▼

X  

LTC2970 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2970
Description  Dual I2C Power Supply Monitor and Margining Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970 Datasheet(HTML) 2 Page - Linear Technology

  LTC2970 Datasheet HTML 1Page - Linear Technology LTC2970 Datasheet HTML 2Page - Linear Technology LTC2970 Datasheet HTML 3Page - Linear Technology LTC2970 Datasheet HTML 4Page - Linear Technology LTC2970 Datasheet HTML 5Page - Linear Technology LTC2970 Datasheet HTML 6Page - Linear Technology LTC2970 Datasheet HTML 7Page - Linear Technology LTC2970 Datasheet HTML 8Page - Linear Technology LTC2970 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC2970/LTC2970-1
2
29701fc
Supply Voltages:
VDD ......................................................... –0.3V to 6V
12VIN .................................................... –0.3V to 15V
Digital Input/Output Voltages:
ASEL0, ASEL1 ............................ –0.3V to VDD + 0.3V
SDA, SCL, GPIO_CFG,
⎯A⎯L⎯E⎯R⎯T, GPIO_0, GPIO_1.......................... –0.3V to 6V
Analog Voltages:
VIN0_AP, VIN0_AM, VIN0_BP,
VIN0_BM, VIN1_AP, VIN1_AM,
VIN1_BP, VIN1_BM, VOUT0, VOUT1 .............. –0.3V to 6V
IOUT0, IOUT1, REF......................... –0.3V to VDD + 0.3V
RGND.................................................... –0.3V to 0.3V
Operating Temperature Range:
LTC2970C ................................................ 0°C to 70°C
LTC2970I ............................................. –40°C to 85°C
Storage Temperature Range...................– 65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Notes 1 and 2)
ABSOLUTE
AXI U
RATI GS
PIN CONFIGURATION
8
9
TOP VIEW
UFD PACKAGE
24-LEAD (4mm
× 5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
25
6
5
4
3
2
1
VIN0_AP
VIN0_AM
VIN0_BP
VIN0_BM
VIN1_AP
VIN1_AM
VIN1_BP
SDA
SCL
ALERT
GPIO_0
GPIO_1
IOUT0
IOUT1
7
14
15
16
17
18
19
13
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2970CUFD#PBF
LTC2970CUFD#TRPBF
2970
24-Lead (4mm × 5mm) Plastic DFN
0°C to 70°C
LTC2970CUFD-1#PBF
LTC2970CUFD-1#TRPBF
29701
24-Lead (4mm × 5mm) Plastic DFN
0°C to 70°C
LTC2970IUFD#PBF
LTC2970IUFD#TRPBF
2970
24-Lead (4mm × 5mm) Plastic DFN
–40°C to 85°C
LTC2970IUFD-1#PBF
LTC2970IUFD-1#TRPBF
29701
24-Lead (4mm × 5mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com