Electronic Components Datasheet Search
  English  ▼

X  

LTC3035 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3035
Description  300mA VLDO Linear Regulator with Charge Pump Bias Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3035 Datasheet(HTML) 1 Page - Linear Technology

  LTC3035 Datasheet HTML 1Page - Linear Technology LTC3035 Datasheet HTML 2Page - Linear Technology LTC3035 Datasheet HTML 3Page - Linear Technology LTC3035 Datasheet HTML 4Page - Linear Technology LTC3035 Datasheet HTML 5Page - Linear Technology LTC3035 Datasheet HTML 6Page - Linear Technology LTC3035 Datasheet HTML 7Page - Linear Technology LTC3035 Datasheet HTML 8Page - Linear Technology LTC3035 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3035
1
3035f
■ Wide Input Voltage Range: 1.7V to 5.5V
■ Wide Adjustable Output Voltage Range:
0.4V to 3.6V
■ Built-In Charge Pump Generates High Side Bias
■ Very Low Dropout: 45mV at 300mA
■
±2% Voltage Accuracy Over Temperature,
Supply, Load
■ Fast Transient Recovery
■
Low Operating Current: IIN = 100µA Typ
■ Low Shutdown Current: IIN = 1µA Typ
■ Stable with Ceramic Capacitor Down to 1
µF
■
Output Current Limit
■ Thermal Overload Protected
■ Reverse Output Current Protected
■
Available in 8-Lead (3mm
× 2mm) DFN Package
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
The LTC
®3035 is a micropower, VLDO™ (very low drop-
out) linear regulator which operates from input voltages as
low as 1.7V. The device is capable of supplying 300mA of
output current with a typical dropout voltage of only
45mV. To allow operation at low input voltages the LTC3035
includes a charge pump generator that provides the nec-
essary bias voltage for the internal LDO circuitry. Output
current comes directly from the input supply for high
efficiency regulation. The charge pump bias generator
requires only a 0.1
µF flying capacitor and a 1µF bypass
capacitor for operation. The low 0.4V internal reference
voltage allows the LTC3035 to be programmed to much
lower output voltages than commonly available in LDOs.
The output voltage is programmed via two tiny SMD
resistors. The LTC3035’s low quiescent current makes it
an ideal choice for use in battery-powered systems.
Other features include high output voltage accuracy, ex-
cellent transient response, stability with ultralow ESR
ceramic capacitors as small as 1
µF, short-circuit and
thermal overload protection, output current limiting and
reverse output current protection. The LTC3035 is avail-
able in a tiny, low profile (3mm
× 2mm × 0.75mm) 8-lead
DFN package.
300mA VLDO Linear
Regulator with Charge Pump
Bias Generator
APPLICATIO S
■ Li-Ion to 3.3V Low Dropout Supplies
■
2
× AA to 1.8V Low Dropout Supplies
■ Low Power Handheld Devices
■ Low Voltage Logic Supplies
■
DSP Power Supplies
■ Cellular Phones
■ Portable Electronic Equipment
■
Handheld Medical Instruments
■ Post Regulator for Switching Supply Noise Rejection
3.3V Output Voltage from Li-Ion Battery
, LTC and LT are registered trademarks of Linear Technology Corporation.
VLDO is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6411531, others pending.
IOUT (mA)
0
70
60
50
40
30
20
10
0
150
250
3035 TA01b
50
100
200
300
TA = 25°C
Dropout Voltage vs Load Current
CP
0.4V
IN
SHDN
GND
Li-Ion
BATTERY
3.4V TO 4.2V
1
µF
0.1
µF
CBIAS
1
µF
COUT
1
µF
3035 TA01a
294k
40.2k
VOUT
3.3V
300mA
OFF ON
CM
BIAS
OUT
ADJ
BIAS
GENERATOR
LTC3035
+
–


Similar Part No. - LTC3035

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3035 LINER-LTC3035 Datasheet
224Kb / 12P
300mA VLDO Linear Regulator with Charge Pump Bias Generator
LTC3035 LINER-LTC3035_15 Datasheet
224Kb / 12P
300mA VLDO Linear Regulator with Charge Pump Bias Generator
More results

Similar Description - LTC3035

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
300mA Micropower VLDO Linear Regulator
LTC3035 LINER-LTC3035_15 Datasheet
224Kb / 12P
300mA VLDO Linear Regulator with Charge Pump Bias Generator
logo
Union Semiconductor, In...
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com