Electronic Components Datasheet Search
  English  ▼

X  

LTC3210 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3210
Description  MAIN/CAM LED Controller in 3mm 횞 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210 Datasheet(HTML) 4 Page - Linear Technology

  LTC3210 Datasheet HTML 1Page - Linear Technology LTC3210 Datasheet HTML 2Page - Linear Technology LTC3210 Datasheet HTML 3Page - Linear Technology LTC3210 Datasheet HTML 4Page - Linear Technology LTC3210 Datasheet HTML 5Page - Linear Technology LTC3210 Datasheet HTML 6Page - Linear Technology LTC3210 Datasheet HTML 7Page - Linear Technology LTC3210 Datasheet HTML 8Page - Linear Technology LTC3210 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3210
4
3210f
TEMPERATURE (
°C)
–40
0.40
0.45
0.50
0.55
0.60
0.65
0.70
–15
10
35
60
3210 G05
85
ICPO = 200mA
VBAT = 3.3V
VBAT = 3.9V
VBAT = 3.6V
TEMPERATURE (˚C)
–40
3.4
3.6
3.8
60
3210 G06
3.2
3.0
–15
10
35
85
2.8
2.6
2.4
VBAT = 3V
VCPO = 4.2V
C2 = C3 = C4 = 2.2
µF
LOAD CURRENT (mA)
0
3.6
3.8
4.0
4.2
4.4
4.6
4.8
100
200
300
400
3210 G07
500
C2 = C3 = C4 = 2.2
µF
VBAT = 3V
VBAT = 3.1V
VBAT = 3.2V
VBAT = 3.6V
VBAT = 3.3V
VBAT = 3.4V
VBAT = 3.5V
TEMPERATURE (˚C)
–40
4.2
4.4
4.6
60
3210 G08
4.0
3.8
–15
10
35
85
3.6
3.4
3.2
VBAT = 3V
VCPO = 4.8V
C2 = C3 = C4 = 2.2
µF
LOAD CURRENT (mA)
0
4.8
5.0
5.2
400
3210 G09
4.6
4.4
4.7
4.9
5.1
4.5
4.3
4.2
100
200
300
500
C2 = C3 = C4 = 2.2
µF
VBAT = 3V
VBAT = 3.1V
VBAT = 3.2V
VBAT = 3.3V
VBAT = 3.4V
VBAT = 3.5V
VBAT = 3.6V
Dropout Time from Shutdown
Dropout Time When Enabled
1.5x CPO Ripple
2x CPO Ripple
1x Mode Switch Resistance
vs Temperature
1.5x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(1.5VBAT – VCPO)/ICPO
1.5x Mode CPO Voltage
vs Load Current
2x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(2VBAT – VCPO)/ICPO
2x Mode CPO Voltage
vs Load Current
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise stated.
500
µs/DIV
CPO
1V/DIV
EN
2V/DIV
3210 G01
1.5X
2X
1X
MODE
RESET
250
µs/DIV
CPO
1V/DIV
ENC
2V/DIV
3210 G02
1.5X
2X
1X
MODE
RESET
ENM = HIGH
500ns/DIV
VCPO
50mV/DIV
AC
COUPLED
3210 G03
VBAT = 3.6V
ICPO = 200mA
CCPO = 2.2µF
500ns/DIV
VCPO
20mV/DIV
AC
COUPLED
3210 G04
VBAT = 3.6V
ICPO = 200mA
CCPO = 2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com