Electronic Components Datasheet Search
  English  ▼

X  

LTC3240 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3240
Description  3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3240 Datasheet(HTML) 2 Page - Linear Technology

  LTC3240 Datasheet HTML 1Page - Linear Technology LTC3240 Datasheet HTML 2Page - Linear Technology LTC3240 Datasheet HTML 3Page - Linear Technology LTC3240 Datasheet HTML 4Page - Linear Technology LTC3240 Datasheet HTML 5Page - Linear Technology LTC3240 Datasheet HTML 6Page - Linear Technology LTC3240 Datasheet HTML 7Page - Linear Technology LTC3240 Datasheet HTML 8Page - Linear Technology LTC3240 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3240-3.3/LTC3240-2.5
2
3240fb
VIN to GND ...................................................–0.3V to 6V
VOUT to GND .............................................–0.3V to 5.5V
⎯S⎯H⎯D⎯N to GND................................ –0.3V to (V
IN + 0.3V)
VOUT Short-Circuit Duration ............................. Indefinite
Operating Temperature Range (Note 2) ...– 40°C to 85°C
Storage Temperature Range...................– 65°C to 125°C
Maximum Junction Temperature .......................... 125°C
ORDER PART NUMBER
TJMAX = 125°C, θJA = 80°C/W (NOTE 4)
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
LTC3240EDC-3.3
LTC3240EDC-2.5
(Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, ⎯S⎯H⎯D⎯N = VIN, CFLY = 1µF, CIN = 1µF, COUT = 4.7µF unless otherwise noted.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DC PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
7
6
3
2
1
GND
VIN
VOUT
SHDN
C –
C +
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
●
1.8
5.5
V
VOUT
Output Voltage Range
1.8V ≤ VIN ≤ 2.5V, IOUT < 40mA
●
3.168
3.3
3.432
V
LTC3240-3.3
2.5V ≤ VIN ≤ 5.5V, IOUT < 150mA
●
3.168
3.3
3.432
V
LTC3240-2.5
1.8V ≤ VIN ≤ 5.5V, IOUT < 60mA
●
2.4
2.5
2.6
V
IIN
No Load Input Current
IOUT = 0, 1.8V ≤ VIN ≤ 5.5V
65
100
µA
I⎯S⎯H⎯D⎯N
Shutdown Current
⎯S⎯H⎯D⎯N = 0V, V
OUT = 0V
0.1
1
µA
η
Efficiency
VIN = 2.5V, IOUT = 100mA
64
%
LTC3240-3.3
VIN = 3.7V, IOUT = 100mA
87
%
LTC3240-2.5
VIN = 2V, IOUT = 50mA
63
%
VIN = 3V, IOUT = 50mA
83
%
VIH
⎯S⎯H⎯D⎯N Input High Voltage
1.8V ≤ VIN ≤ 5.5V
●
1.2
V
VIL
⎯S⎯H⎯D⎯N Input Low Voltage
1.8V ≤ VIN ≤ 5.5V
●
0.4
V
IIH
⎯S⎯H⎯D⎯N Input Current
V⎯S⎯H⎯D⎯N = VIN = 5.5V
●
– 1
1
µA
IIL
⎯S⎯H⎯D⎯N Input Current
V⎯S⎯H⎯D⎯N = 0V
●
– 1
1
µA
ILIM
Output Current Limit
VIN = 3.7V, VOUT = 0V Step-Down Mode
450
mA
VIN = 2.4V, VOUT = 0V Step-Up Mode
270
mA
tON
VOUT Turn-On Time
From the Rising Edge of
⎯S⎯H⎯D⎯N to 90% of V
OUT
VIN = 2.5V, RLOAD = 66Ω
0.5
ms
VIN = 3.7V, RLOAD = 66Ω
0.4
ms
Step-Up Mode
IBURST
Burst Mode Threshold
VIN = 2.4V
15
mA
VRIPPLE
Output Ripple
IOUT = 100mA, VOUT = 2.5V or 3.3V
20
mVP-P
fOSC
Switching Frequency
VIN = 2.4V
●
0.6
1.2
1.8
MHz
VRIPPLE(BURST)
Burst Mode
® Output Ripple
VIN = 2.4V
20
mVP-P
Burst Mode is a registered trademark of Linear Technology Corporation.
DC PART MARKING
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LBXJ
LCBP
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com