Electronic Components Datasheet Search
  English  ▼

X  

TSOP4130 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP4130
Description  Photo Modules for PCM Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP4130 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP4130 Datasheet HTML 1Page - Vishay Siliconix TSOP4130 Datasheet HTML 2Page - Vishay Siliconix TSOP4130 Datasheet HTML 3Page - Vishay Siliconix TSOP4130 Datasheet HTML 4Page - Vishay Siliconix TSOP4130 Datasheet HTML 5Page - Vishay Siliconix TSOP4130 Datasheet HTML 6Page - Vishay Siliconix TSOP4130 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSOP41..
Vishay Telefunken
5 (7)
Rev. 7, 29 Mar-01
www.vishay.com
Document Number 82135
Ee
T
tpi *
t
VO
VOH
VOL
tpo2 )
t
16298
Optical Test Signal
( IR diode TSAL6200, IF=0.4 A, N=6 pulses, f=f0, T=10 ms )
Output Signal
td1 )
1 ) 3/f0 < td < 9/f0
2 )
tpi – 5/f0 < tpo < tpi + 5/f0
* tpi w 6/fo is recommended for optimal function
Figure 7. Output Function
Ee
t
VO
VOH
VOL
t
600
ms
600
ms
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, ( see Fig.10 )
Figure 8. Output Function
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10203040
50607080
90
Tamb – Ambient Temperature ( °C )
16137
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
10.0
100.0
1000.0 10000.0
Ee – Irradiance (mW/m2)
12753
Ton
l = 950 nm,
optical test signal, fig.8
Toff
Figure 10. Output Pulse Diagram
1
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
–25
–5
15
35
55
75
Tamb – Ambient Temperature ( °C )
16138
Figure 11. Supply Current vs. Ambient Temperature
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 12. Relative Spectral Sensitivity vs. Wavelength



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com