Electronic Components Datasheet Search
  English  ▼

X  

TSOP4136 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP4136
Description  Photo Modules for PCM Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP4136 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP4136 Datasheet HTML 1Page - Vishay Siliconix TSOP4136 Datasheet HTML 2Page - Vishay Siliconix TSOP4136 Datasheet HTML 3Page - Vishay Siliconix TSOP4136 Datasheet HTML 4Page - Vishay Siliconix TSOP4136 Datasheet HTML 5Page - Vishay Siliconix TSOP4136 Datasheet HTML 6Page - Vishay Siliconix TSOP4136 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSOP41..
Vishay Telefunken
1 (7)
Rev. 7, 29 Mar-01
www.vishay.com
Document Number 82135
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP4130
30 kHz
TSOP4133
33 kHz
TSOP4136
36 kHz
TSOP4137
36.7 kHz
TSOP4138
38 kHz
TSOP4140
40 kHz
TSOP4156
56 kHz
Description
The TSOP41.. – series are miniaturized receivers for
infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. The main benefit is the
reliable function even in disturbed ambient and the
protection against uncontrolled output pulses.
14 500
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Improved shielding against electrical field
disturbance
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D High immunity against ambient light
D Enhanced data rate of 2400 bit/s
D Operation with short bursts possible
(
≥6 cycles/burst)
Block Diagram
9612226
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
30 k
W
2
3
1
VS
OUT
GND


Similar Part No. - TSOP4136

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP4136 VISHAY-TSOP4136 Datasheet
157Kb / 8P
IR Receiver Modules for Remote Control Systems
28-Oct-08
TSOP4136JH1 VISHAY-TSOP4136JH1 Datasheet
283Kb / 8P
IR Receiver Modules for Remote Control Systems
01-Mar-05
TSOP4136SS1BS12 VISHAY-TSOP4136SS1BS12 Datasheet
268Kb / 8P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
More results

Similar Description - TSOP4136

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1130KS1 VISHAY-TSOP1130KS1 Datasheet
2Mb / 8P
Photo Modules for PCM Remote Control Systems
29-Mar-01
TSOP1230 VISHAY-TSOP1230 Datasheet
2Mb / 7P
Photo Modules for PCM Remote Control Systems
30-Mar-01
TSOP1330TB1 VISHAY-TSOP1330TB1 Datasheet
2Mb / 8P
Photo Modules for PCM Remote Control Systems
29-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
Photo Modules for PCM Remote Control Systems
02-Apr-01
TSOP1730SE1 VISHAY-TSOP1730SE1 Datasheet
187Kb / 7P
Photo Modules for PCM Remote Control Systems
02-Apr-01
TSOP1730SF1 VISHAY-TSOP1730SF1 Datasheet
208Kb / 7P
Photo Modules for PCM Remote Control Systems
02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
Photo Modules for PCM Remote Control Systems
13-Sep-00
TSOP1830SA1 VISHAY-TSOP1830SA1 Datasheet
131Kb / 7P
Photo Modules for PCM Remote Control Systems
13-Jun-00
TSOP1830SB3V VISHAY-TSOP1830SB3V Datasheet
88Kb / 7P
Photo Modules for PCM Remote Control Systems
01-Aug-00
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
Photo Modules for PCM Remote Control Systems
26-Jun-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com