Electronic Components Datasheet Search
  English  ▼

X  

LTC3423 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3423
Description  Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3423 Datasheet(HTML) 2 Page - Linear Technology

  LTC3423 Datasheet HTML 1Page - Linear Technology LTC3423 Datasheet HTML 2Page - Linear Technology LTC3423 Datasheet HTML 3Page - Linear Technology LTC3423 Datasheet HTML 4Page - Linear Technology LTC3423 Datasheet HTML 5Page - Linear Technology LTC3423 Datasheet HTML 6Page - Linear Technology LTC3423 Datasheet HTML 7Page - Linear Technology LTC3423 Datasheet HTML 8Page - Linear Technology LTC3423 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC3423/LTC3424
34234f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Input Voltage Range
q
2.7
5.5
V
VIN Operating Voltage Range
(Note 4)
q
0.5
5.5
V
Output Voltage Adjust Range
q
1.5
5.5
V
Feedback Voltage
q
1.22
1.25
1.28
V
Feedback Input Current
VFB = 1.25V
1
50
nA
Quiescent Current—Burst Mode Operation
VC = 0V, MODE/SYNC = 3.3V (Note 3)
38
65
µA
Quiescent Current—SHDN
SHDN = 0V, Not Including Switch Leakage
0.1
1
µA
Quiescent Current—Active
VC = 0V, MODE/SYNC = 0V, Rt = 300k (Note 3)
440
800
µA
NMOS Switch Leakage
0.1
5
µA
PMOS Switch Leakage
0.1
10
µA
NMOS Switch On Resistance
0.16
Ω
PMOS Switch On Resistance
0.21
Ω
NMOS Current Limit
LTC3423
q
1
1.6
A
LTC3424
q
2
2.8
A
Maximum Duty Cycle
Rt = 15k
q
80
85
%
Minimum Duty Cycle
q
0%
Frequency Accuracy
Rt = 15k
q
1.6
2
2.4
MHz
MODE/SYNC Input High
1.4
V
MODE/SYNC Input Low
0.4
V
MODE/SYNC Input Current
VMODE/SYNC = 5.5V
0.01
1
µA
Error Amp Transconductance
∆I = –5µA to 5µA, VC = VFB
85
µmhos
(Note 1)
VIN, VOUT, VDD Voltages .............................. – 0.5V to 6V
SW Voltage ................................................. – 0.5V to 6V
VC, Rt Voltages ......................... – 0.5V to (VOUT + 0.3V)
SHDN, FB, MODE Voltages ......................... – 0.5V to 6V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C
θJA = 130°C/ W 1 LAYER BOARD
θJA = 100°C/ W 4 LAYER BOARD
MS PART MARKING
ORDER PART
NUMBER
LTC3423EMS
LTC3424EMS
LTQM
LTQN
The q denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 1.2V, VDD = 3.3V, VOUT = 1.8V, unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
Rt
MODE
VIN
SW
GND
10
9
8
7
6
SHDN
VC
FB
VOUT
VDD
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com