Electronic Components Datasheet Search
  English  ▼

X  

LTC3427 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3427
Description  500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3427 Datasheet(HTML) 2 Page - Linear Technology

  LTC3427 Datasheet HTML 1Page - Linear Technology LTC3427 Datasheet HTML 2Page - Linear Technology LTC3427 Datasheet HTML 3Page - Linear Technology LTC3427 Datasheet HTML 4Page - Linear Technology LTC3427 Datasheet HTML 5Page - Linear Technology LTC3427 Datasheet HTML 6Page - Linear Technology LTC3427 Datasheet HTML 7Page - Linear Technology LTC3427 Datasheet HTML 8Page - Linear Technology LTC3427 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC3427
3427fa
VIN, VOUT Voltages ...................................... – 0.3V to 6V
SHDN, FB Voltages ..................................... – 0.3V to 6V
SW Voltage
DC .......................................................... – 0.3V to 6V
Pulsed < 100ns ...................................... – 0.3V to 7V
Operating Temperature Range
(Notes 2, 5) ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
LTC3427EDC
ORDER PART NUMBER
DC PART MARKING
LBSY
TJMAX = 125°C, θJA = 60°C/W TO 85°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
DC PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
7
6
3
2
1
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
ILOAD < 1mA
●
1.6
1.8
V
Output Voltage Adjust Range
●
1.8
5.25
V
Feedback Voltage
●
1.215
1.24
1.265
V
Feedback Input Current
VFB = 1.24V
1
50
nA
Quiescent Current—Shutdown
VSHDN = 0V, VOUT = 0V
0.01
1
µA
Quiescent Current—Active
VFB = 1.5V (Note 3)
350
550
µA
NMOS Switch Leakage
0.1
5
µA
PMOS Switch Leakage
0.1
5
µA
NMOS Switch-On Resistance
0.525
Ω
PMOS Switch-On Resistance
0.575
Ω
NMOS Current Limit
●
500
mA
Current Limit Delay to Output
(Note 4)
40
ns
Maximum Duty Cycle
VFB = 1V
●
80
87
%
Minimum Duty Cycle
VFB = 1.5V
●
0%
Frequency
●
0.9
1.25
1.5
MHz
SHDN Input High
1V
SHDN Input Low
0.35
V
SHDN Input Current
VSHDN = 5.5V
0.01
1
µA
Soft-Start Time
2ms
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 2.4V, VOUT = 3.3V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com