Electronic Components Datasheet Search
  English  ▼

X  

LTC3442 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3442 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3442 Datasheet HTML 10Page - Linear Technology LTC3442 Datasheet HTML 11Page - Linear Technology LTC3442 Datasheet HTML 12Page - Linear Technology LTC3442 Datasheet HTML 13Page - Linear Technology LTC3442 Datasheet HTML 14Page - Linear Technology LTC3442 Datasheet HTML 15Page - Linear Technology LTC3442 Datasheet HTML 16Page - Linear Technology LTC3442 Datasheet HTML 17Page - Linear Technology LTC3442 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3442
14
3442fa
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEB SITE
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Murata
(814) 237-1431
(814) 238-0490
www.murata.com
(800) 831-9172
Sanyo
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
Taiyo Yuden
(408) 573-4150
(408) 573-4159
www.t-yuden.com
TDK
(847) 803-6100
(847) 803-6296
www.component.tdk.com
voltages as low as 0.4V. The part is specified at 2.4V
minimum to allow operation without the requirement of a
Schottky diode. Synchronous switch D is powered from
VOUT and the RDS(ON) will increase at low output voltages,
therefore a Schottky diode is required from SW2 to VOUT
to provide the conduction path to the output. Note that
Burst Mode operation is inhibited at output voltages below
1.6V typical.
Output Voltage > 4.3V
A Schottky diode from SW2 to VOUT is required for output
voltages over 4.3V. The diode must be located as close to
the pins as possible in order to reduce the peak voltage on
SW2 due to the parasitic lead and trace inductance.
Input Voltage > 4.5V
For applications with input voltages above 4.5V which
could exhibit an overload or short-circuit condition, a
2
Ω/1nF series snubber is required between SW1 and
GND. A Schottky diode from SW1 to VIN should also be
added as close to the pins as possible. For the higher input
voltages, VIN bypassing becomes more critical; therefore,
a ceramic bypass capacitor as close to the VIN and SGND
pins as possible is also required.
Operating Frequency Selection
Higher operating frequencies allow the use of a smaller
inductor and smaller input and output filter capacitors,
thus reducing board area and component height. How-
ever, higher operating frequencies also increase the IC’s
total quiescent current due to the gate charge of the four
switches, as given by:
Buck:
Iq = (0.8 • VIN • f) mA
Boost:
Iq = [0.4 • (VIN + VOUT) • f] mA
Buck/Boost: Iq = [f • (1.2 • VIN + 0.4 • VOUT)] mA
The output capacitance is usually many times larger than
the minimum value in order to handle the transient re-
sponse requirements of the converter. For a rule of thumb,
the ratio of the operating frequency to the unity-gain
bandwidth of the converter is the amount the output
capacitance will have to increase from the above calcula-
tions in order to maintain the desired transient response.
The other component of ripple is due to the ESR (equiva-
lent series resistance) of the output capacitor. Low ESR
capacitors should be used to minimize output voltage
ripple. For surface mount applications, Taiyo Yuden or
TDK ceramic capacitors, AVX TPS series tantalum capaci-
tors or Sanyo POSCAP are recommended. See Table 2 for
contact information.
Input Capacitor Selection
Since VIN is the supply voltage for the IC, as well as the
input to the power stage of the converter, it is recom-
mended to place at least a 4.7
µF, low ESR ceramic bypass
capacitor close to the VIN and SGND pins. It is also
important to minimize any stray resistance from the con-
verter to the battery or other power source.
Optional Schottky Diodes
The Schottky diodes across the synchronous switches B
and D are not required (VOUT < 4.3V), but provide a lower
drop during the break-before-make time (typically 15ns)
improving efficiency. Use a surface mount Schottky diode
such as an MBRM120T3 or equivalent. Do not use ordi-
nary rectifier diodes, since the slow recovery times will
compromise efficiency. For applications with an output
voltage above 4.3V, a Schottky diode is required from
SW2 to VOUT.
Output Voltage < 2.4V
The LTC3442 can operate as a buck converter with output
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com