| Electronic Components Datasheet Search |
|
LTC3453 Datasheet(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3453 Datasheet(HTML) 2 Page - Linear Technology |
|
2 / 12 page ![]() LTC3453 2 3453fa VIN, PVIN, SW1, SW2, VOUT Voltage ............ –0.3V to 6V LED1 to LED4 Voltage ...... –0.3V to (VOUT + 0.3V) or 6V VC, EN1, EN2, ISET1, ISET2 Voltage .......... –0.3V to (VIN + 0.3V) or 6V LED1 to LED4 Peak Current ................................ 250mA Storage Temperature Range .................. –65 °C to 125°C Operating Temperature Range (Note 2) ... –40 °C to 85°C Junction Temperature (Note 3) ............................. 125 °C ORDER PART NUMBER UF PART MARKING TJMAX = 125°C, θJA = 40°C/W, θJC = 2.6°C/W EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB Consult LTC Marketing for parts specified with wider operating temperature ranges. 3453 LTC3453EUF ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO (Note 1) 16 15 14 13 5 6 7 8 UF PACKAGE 16-LEAD (4mm × 4mm) PLASTIC QFN 9 10 11 17 12 4 3 2 1 TOP VIEW VIN EN1 ISET1 LED1 VC EN2 ISET2 LED4 Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ PARAMETER CONDITIONS MIN TYP MAX UNITS Input Supply Voltage ● 2.7 5.5 V Input DC Supply Current Normal Operation 2.7V ≤ VIN ≤ 5.5V, RISET1||RISET2 = 51.1k, ILEDx = 0 (Note 4) 0.6 1 mA Shutdown 2.7V ≤ VIN ≤ 5.5V; VEN1 = VEN2 = 0V 6 18 µA UVLO VIN < UVLO Threshold 3 5 µA Undervoltage Lockout Threshold VIN Rising ● 2 2.3 V VIN Falling 1.6 1.9 V EN1,2 DC Threshold for Normal Operation 2.7V ≤ VIN ≤ 5.5V, VEN1,2 Rising ● 0.65 1 V EN1,2 DC Threshold for Shutdown (ILEDx = 0) 2.7V ≤ VIN ≤ 5.5V, VEN1,2 Falling ● 0.2 0.63 V EN1,2 Input Current VEN1,2 = 3.6V ● –1 1 µA ISET1,2 Servo Voltage RISET1,2 = 4.12k, 0°C ≤ TA ≤ 85°C 788 800 812 mV RISET1,2 = 4.12k, –40°C ≤ TA ≤ 85°C ● 780 800 812 mV LED Output Current Ratio ILED/(ISET1 + ISET2), ILEDx = 75mA, VLEDx = 300mV, 365 384 403 mA/mA 2.7V ≤ VIN ≤ 5.5V ● 357 384 403 mA/mA LED Output Current Matching (MAX – MIN)/[(MAX + MIN)/2] • 100%, ILEDx = 75mA 2 6 % VLEDx = 300mV LED Pin Drain Voltage ILEDx = 75mA 130 mV Regulated Maximum VOUT VLEDx = 0V ● 4.4 4.5 4.6 V PMOS Switch RON Switches A and D, @ 100mA 0.3 Ω NMOS Switch RON Switches B and C, @ 100mA 0.25 Ω Forward Current Limit Switch A 1125 1612 2100 mA Reverse Current Limit Switch D 200 mA ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C, VIN = VOUT = 3.6V unless otherwise noted. (Note 2) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |