Electronic Components Datasheet Search
  English  ▼

X  

LTC3456 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3456
Description  2-Cell, Multi-Output DC/DC Converter with USB Power Manager
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3456 Datasheet(HTML) 2 Page - Linear Technology

  LTC3456 Datasheet HTML 1Page - Linear Technology LTC3456 Datasheet HTML 2Page - Linear Technology LTC3456 Datasheet HTML 3Page - Linear Technology LTC3456 Datasheet HTML 4Page - Linear Technology LTC3456 Datasheet HTML 5Page - Linear Technology LTC3456 Datasheet HTML 6Page - Linear Technology LTC3456 Datasheet HTML 7Page - Linear Technology LTC3456 Datasheet HTML 8Page - Linear Technology LTC3456 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC3456
3456fa
(Note 1)
VBATT, VMAX Voltages ................................. – 0.3V to 6V
VINT, VMAIN, VEXT, HSO Voltages ................ – 0.3V to 6V
SW1, SW2_BK, SW2_BST Voltages ........... – 0.3V to 6V
USB, USBHP, SUSPEND Voltages .............. –0.3V to 6V
PWRKEY, PBSTAT, PWRON Voltages ........ –0.3V to 6V
MODE, AO, EXT_PWR, RESET Voltages ..... –0.3V to 6V
FB1, AIN, WALLFB Voltages ....................... –0.3V to 2V
Junction Temperature .......................................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VBATT = 2.4V, VINT = 3.3V, VPWRON = 2V, PWRKEY is open, VUSB = 0V, VWALLFB = 0V, unless otherwise specified.
ORDER PART
NUMBER
LTC3456EUF
TJMAX = 125°C, θJA = 37°C/ W, θJC = 2°C/ W
EXPOSED PAD (PIN 25) IS PGND
MUST BE SOLDERED TO PCB
PACKAGE/ORDER I FOR ATIO
UF PART
MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
3456
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
AIN
AO
AGND
VBATT
SW1
PGND
SUSPEND
HSO
VMAIN
VINT
SW2_BST
SW2_BK
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Voltage Range
1.8
3.2
V
Quiescent Current (Battery Powered)
(Note 3)
Burst Mode
® Operation
VMODE = 2V, VFB1 = 1V, VINT = 3.4V
180
250
µA
PWM Operation
VMODE = 0V, VFB1 = 1V, VINT = 3.4V
380
450
µA
Shutdown
VPWRON = 0V, VINT = 0V
0.1
1
µA
VBATT Pin Current (Wall Powered)
VWALLFB = 1.5V, VEXT = 5V (Note 4)
1
2
µA
VBATT Pin Current (USB Powered)
VUSB = 5V, VEXT = 5V (Note 4)
1
2
µA
Switching Frequency
Battery Powered
VBATT = 2.4V
0.8
1
1.2
MHz
USB or Wall Powered
VEXT = 5V, VWALLFB = 1.5V
0.8
1
1.2
MHz
Main Output
VINT Voltage Regulation
●
3.22
3.3
3.38
V
VINT Voltage Line Regulation
VBATT = 1.8V to 3.2V
●
0.1
0.5
%/V
Max Duty Cycle
●
80
87
%
Switch Leakage (Battery Powered)
VPWRON = 0V
SW2_BST PMOS Switch
VSW2_BST = 0V
0.1
1
µA
SW2_BST NMOS Switch
VSW2_BST = 3.3V
0.1
1
µA
Switch On-Resistance (Battery Powered)
SW2_BST PMOS Switch
ISW2_BST = 150mA
0.8
Ω
SW2_BST NMOS Switch
ISW2_BST = –150mA
0.5
Ω
Burst Mode is a registered trademark of Linear Technology
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com