Electronic Components Datasheet Search
  English  ▼

X  

LTC3559 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3559
Description  Linear USB Battery Charger with Dual Buck Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3559 Datasheet(HTML) 2 Page - Linear Technology

  LTC3559 Datasheet HTML 1Page - Linear Technology LTC3559 Datasheet HTML 2Page - Linear Technology LTC3559 Datasheet HTML 3Page - Linear Technology LTC3559 Datasheet HTML 4Page - Linear Technology LTC3559 Datasheet HTML 5Page - Linear Technology LTC3559 Datasheet HTML 6Page - Linear Technology LTC3559 Datasheet HTML 7Page - Linear Technology LTC3559 Datasheet HTML 8Page - Linear Technology LTC3559 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3559/LTC3559-1
2
3559fb
ORDER INFORMATION
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VCC (Transient);
t < 1ms and Duty Cycle < 1%....................... –0.3V to 7V
VCC (Static) .................................................. –0.3V to 6V
BAT, CHRG, SUSP ........................................ –0.3V to 6V
HPWR, NTC, PROG ....... –0.3V to Max (VCC, BAT) + 0.3V
PROG Pin Current ...............................................1.25mA
BAT Pin Current ..........................................................1A
PVIN ................................................ –0.3V to BAT + 0.3V
EN1, EN2, MODE.......................................... –0.3V to 6V
FB1, FB2, SW1, SW2 ............–0.3V to PVIN + 0.3V or 6V
ISW1, ISW2 ......................................................600mA DC
Junction Temperature (Note 2) ............................. 125°C
Operating Temperature Range (Note 3).... –40°C to 85°C
Storage Temperature.............................. –65°C to 125°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
GND
BAT
MODE
FB1
HPWR
SUSP
FB2
EN2
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
The
l denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Charger. VCC = 5V, BAT = PVIN = 3.6V, RPROG = 1.74k, HPWR = 5V, SUSP = NTC = EN1 = EN2 = 0V
VCC
Input Supply Voltage
l
4.3
5.5
V
IVCC
Battery Charger Quiescent Current (Note 4) Standby Mode, Charge Terminated
Suspend Mode, VSUSP = 5V
200
8.5
400
17
μA
μA
VFLOAT
BAT Regulated Output Voltage
LTC3559
0°C ≤ TA ≤ 85°C, LTC3559
4.179
4.165
4.200
4.200
4.221
4.235
V
V
LTC3559-1
0°C ≤ TA ≤ 85°C, LTC3559-1
4.079
4.065
4.100
4.100
4.121
4.135
V
V
ICHG
Constant-Current Mode Charge Current
HPWR = 5V
HPWR = 0V
l
440
84
460
92
500
100
mA
mA
IBAT
Battery Drain Current
Standby Mode, Charger Terminated
Shutdown, VCC < VUVLO, BAT = VFLOAT
Suspend Mode, SUSP = 5V, BAT = VFLOAT
–3.5
–2.5
–1.5
–7
–4
–3
μA
μA
μA
VUVLO
Undervoltage Lockout Threshold
BAT = 3.5V, VCC Rising
3.85
4.0
4.125
V
ΔVUVLO
Undervoltage Lockout Hysteresis
BAT = 3.5V
200
mV
VDUVLO
Differential Undervoltage Lockout
Threshold
BAT = 4.05V, (VCC – BAT) Falling (LTC3559)
BAT = 3.95V, (VCC – BAT) Falling (LTC3559-1)
30
30
50
50
70
70
mV
mV
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3559EUD#PBF
LTC3559EUD#TRPBF
LCMB
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC3559EUD-1#PBF
LTC3559EUD-1#TRPBF
LDQD
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com