Electronic Components Datasheet Search
  English  ▼

X  

LTC3563 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 1 Page - Linear Technology

  LTC3563 Datasheet HTML 1Page - Linear Technology LTC3563 Datasheet HTML 2Page - Linear Technology LTC3563 Datasheet HTML 3Page - Linear Technology LTC3563 Datasheet HTML 4Page - Linear Technology LTC3563 Datasheet HTML 5Page - Linear Technology LTC3563 Datasheet HTML 6Page - Linear Technology LTC3563 Datasheet HTML 7Page - Linear Technology LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3563
1
3563f
500mA, Synchronous
Step-Down DC/DC Converter
with Selectable Output Voltage
The LTC
®3563 is a high efficiency monolithic synchro-
nous buck converter using a constant frequency, current
mode architecture. A voltage select input allows the user
to program the output voltage to 1.28V or 1.87V. Supply
current during operation is only 26µA, dropping to <1µA in
shutdown. The 2.5V to 5.5V input voltage range makes the
LTC3563 ideally suited for single Li-Ion battery-powered
applications. 100% duty cycle provides low dropout opera-
tion, extending battery life in portable systems. Internal
power switches are optimized to provide high efficiency
and eliminate the need for an external Schottky diode.
The switching frequency is internally set at 2.25MHz,
allowing the use of small surface mount inductors and
capacitors. The LTC3563 is specifically designed to work
well with ceramic output capacitors, achieving very low
output voltage ripple and a small PCB footprint.
The LTC3563 is configured for the power saving Burst
Mode Operation.
■
Cellular Telephones
■
Wireless and DSL Modems
■
Digital Cameras
■
MP3 Players
■
PDAs and Other Handheld Devices
■
High Efficiency: Up to 96%
■
Pin Selectable Output Voltage: 1.28V/1.87V
■
Low Ripple (<20mVP-P) Burst Mode
® Operation:
IQ = 26µA
■
Very Low Quiescent Current: Only 26µA
■
2.5V to 5.5V Input Voltage Range
■
2.25MHz Constant Frequency Operation
■
Low Dropout Operation: 100% Duty Cycle
■
No Schottky Diode Required
■
Internal Soft-Start Limits Inrush Current
■
Shutdown Mode Draws <1µA Supply Current
■
±2% Output Voltage Accuracy
■
Current Mode Operation for Excellent Line and Load
Transient Response
■
Overtemperature Protected
■
Available in 2mm × 2mm 6-Lead DFN
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC, LT, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6580258, 6304066, 6127815, 6498466,
6611131, 5994885.
VIN
LTC3563
RUN
3563 TA01a
2.2
µH
CIN
10
µF
CER
COUT
10
µF
CER
SW
VIN
2.7V TO 5.5V
VOUT
1.28V/1.87V
500mA
VOUT
VSEL
GND
1.28V 1.87V
Efficiency and Power Loss vs Output Current
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3563 TA01b
0
100
1000
10
1
0.1
1
VIN = 3.6V
VOUT = 1.87V


Similar Part No. - LTC3563

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
286Kb / 16P
500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
More results

Similar Description - LTC3563

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
500mA Step-Down DC-DC Converter
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
XC9276 TOREX-XC9276 Datasheet
1Mb / 30P
Ultra-Low Quiescent Current, Synchronous Step-Down PFM DC/DC Converter with Output voltage selectable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com