Electronic Components Datasheet Search
  English  ▼

X  

LTC3611WP Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3611WP
Description  10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3611WP Datasheet(HTML) 2 Page - Linear Technology

  LTC3611WP Datasheet HTML 1Page - Linear Technology LTC3611WP Datasheet HTML 2Page - Linear Technology LTC3611WP Datasheet HTML 3Page - Linear Technology LTC3611WP Datasheet HTML 4Page - Linear Technology LTC3611WP Datasheet HTML 5Page - Linear Technology LTC3611WP Datasheet HTML 6Page - Linear Technology LTC3611WP Datasheet HTML 7Page - Linear Technology LTC3611WP Datasheet HTML 8Page - Linear Technology LTC3611WP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3611
2
3611fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TOP VIEW
WP PACKAGE
64-LEAD (9mm × 9mm) QFN MULTIPAD
PGND 1
PGND 2
PGND 3
SW 4
SW 5
SW 6
SW 7
SW 8
SW 9
SW 10
SW 11
PVIN 12
PVIN 13
PVIN 14
PVIN 15
PVIN 16
48 SGND
47 SGND
46 SGND
45 SGND
44 EXTVCC
43 VFB
42 SGND
41 ION
40 SGND
39 FCB
38 ITH
37 VRNG
36 PGOOD
35 VON
34 SGND
33 SGND
68
SGND
67
PVIN
66
SW
65
PGND
TJMAX = 125°C, θJA = 28°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3611EWP#PBF
LTC3611EWP#TRPBF
LTC3611WP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 125°C
LTC3611IWP#PBF
LTC3611IWP#TRPBF
LTC3611WP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3611EWP
LTC3611EWP#TR
LTC3611WP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 125°C
LTC3611IWP
LTC3611IWP#TR
LTC3611WP
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Input Supply Voltage (VIN, ION).................. 36V to –0.3V
Boosted Topside Driver Supply Voltage
(BOOST) ................................................ 42V to –0.3V
SW Voltage ............................................... 36V to –5V
INTVCC, EXTVCC, (BOOST – SW), RUN/SS,
PGOOD Voltages...................................... 7V to –0.3V
FCB, VON, VRNG Voltages............ INTVCC + 0.3V to –0.3V
ITH, VFB Voltages....................................... 2.7V to –0.3V
Operating Temperature Range
(Note 4) ............................................. –40°C to 125°C
Junction Temperature (Note 2) ............................. 125°C
Storage Temperature Range...................–55°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com