Electronic Components Datasheet Search
  English  ▼

X  

LTC3526 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3526
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526 Datasheet(HTML) 4 Page - Linear Technology

  LTC3526 Datasheet HTML 1Page - Linear Technology LTC3526 Datasheet HTML 2Page - Linear Technology LTC3526 Datasheet HTML 3Page - Linear Technology LTC3526 Datasheet HTML 4Page - Linear Technology LTC3526 Datasheet HTML 5Page - Linear Technology LTC3526 Datasheet HTML 6Page - Linear Technology LTC3526 Datasheet HTML 7Page - Linear Technology LTC3526 Datasheet HTML 8Page - Linear Technology LTC3526 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3526/LTC3526B
4
3526bfb
Start-Up Delay Time vs VIN
Burst Mode Threshold Current
vs VIN
Oscillator Frequency Change
vs VOUT
RDS(ON) vs VOUT
Oscillator Frequency Change
vs Temperature
RDS(ON) Change vs Temperature
VIN (V)
1.0
0
10
30
40
50
100
70
2.0
3.0
3.5
3526 G07
20
80
90
60
1.5
2.5
4.0
4.5
VIN (V)
1
0
5
10
15
20
25
30
1.25
1.5
3526 G08a
ENTER BURST
LEAVE BURST
VOUT = 1.8V
COUT = 10μF
L = 4.7μH
Burst Mode Threshold Current
vs VIN
VIN (V)
1
15
20
25
3526 G08b
10
5
0
1.25
1.5
30
35
40
1.75
ENTER BURST
LEAVE BURST
VOUT = 2.5V
COUT = 10μF
L = 4.7μH
Burst Mode Threshold Current
vs VIN
Burst Mode Threshold Current
vs VIN
VIN (V)
1.0
0
5
15
20
25
50
35
1.5
2.0
3526 G08c
10
40
45
30
2.5
3.0
ENTER BURST
LEAVE BURST
VOUT = 3.3V
COUT = 10μF
L = 4.7μH
VIN (V)
1.0
40
50
60
2.5
3.5
3526 G08d
30
20
1.5
2.0
3.0
4.0
4.5
10
0
ENTER BURST
LEAVE BURST
VOUT = 5V
COUT = 10μF
L = 4.7μH
VOUT (V)
1.5
1
3.0
3526 G09
–2
–4
2.0
2.5
3.3
–5
–6
2
0
–1
–3
4.0
4.5
5.0
NORMALIZED TO 3.3V
VOUT (V)
1.5
0.50
0.45
0.80
0.85
0.90
2.5
3.5
4.0
3526 G10
0.35
0.70
0.60
0.40
0.75
0.30
0.65
0.55
2.0
3.0
4.5
5.0
PMOS
NMOS
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
4
6
8
3526 G11
0
–10
–8
–6
10
2
–2
–4
NORMALIZED TO 25°C
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
1.0
1.1
1.2
3526 G12
0.8
0.7
1.3
0.9
NORMALIZED TO 25°C
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com