Electronic Components Datasheet Search
  English  ▼

X  

LTC3706 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3706
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706 Datasheet(HTML) 2 Page - Linear Technology

  LTC3706 Datasheet HTML 1Page - Linear Technology LTC3706 Datasheet HTML 2Page - Linear Technology LTC3706 Datasheet HTML 3Page - Linear Technology LTC3706 Datasheet HTML 4Page - Linear Technology LTC3706 Datasheet HTML 5Page - Linear Technology LTC3706 Datasheet HTML 6Page - Linear Technology LTC3706 Datasheet HTML 7Page - Linear Technology LTC3706 Datasheet HTML 8Page - Linear Technology LTC3706 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3706
2
3706fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC ........................................................... –0.3V to 10V
VIN ........................................................... –0.3V to 33V
SW ............................................................... –5V to 50V
NDRV ........................................................ –0.3V to 13V
ITH, RUN/SS, VSOUT, VS+, VS–, REGSD....... –0.3V to 7V
All Other Pins ............................................ –0.3V to 10V
Operating Temperature Range (Note 2)
LTC3706EGN........................................ –40°C to 85°C
LTC3706IGN......................................... –40°C to 85°C
Junction Temperature (Note 3) ............................ 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
SG
FG
PGOOD
MODE
PHASE
FB
ITH
RUN/SS
VSOUT
VS
+
VS
–
GND
VCC
PGND
PT+
PT–
SW
VIN
NDRV
REGSD
IS
+
IS
–
SLP
FS/SYNC
TJMAX = 125°C, θJA = 130°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3706EGN#PBF
LTC3706EGN#TRPBF
LTC3706EGN
24-Lead Plastic SSOP
–40°C to 85°C
LTC3706IGN#PBF
LTC3706IGN#TRPBF
LTC3706IGN
24-Lead Plastic SSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3706EGN
LTC3706EGN#TR
LTC3706EGN
24-Lead Plastic SSOP
–40°C to 85°C
LTC3706IGN
LTC3706IGN#TR
LTC3706IGN
24-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com