Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3707IGN-PBF
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3707IGN-PBF Datasheet HTML 1Page - Linear Technology LTC3707IGN-PBF Datasheet HTML 2Page - Linear Technology LTC3707IGN-PBF Datasheet HTML 3Page - Linear Technology LTC3707IGN-PBF Datasheet HTML 4Page - Linear Technology LTC3707IGN-PBF Datasheet HTML 5Page - Linear Technology LTC3707IGN-PBF Datasheet HTML 6Page - Linear Technology LTC3707IGN-PBF Datasheet HTML 7Page - Linear Technology LTC3707IGN-PBF Datasheet HTML 8Page - Linear Technology LTC3707IGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3707
2
3707fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN).........................30V to – 0.3V
Top Side Driver Voltages
(BOOST1, BOOST2) ................................... 36V to –0.3V
Switch Voltage (SW1, SW2) ......................... 30V to –5V
INTVCC, EXTVCC, RUN/SS1, RUN/SS2, (BOOST1-SW1),
(BOOST2-SW2), PGOOD.............................. 7V to –0.3V
SENSE1+, SENSE2+, SENSE1–,
SENSE2– Voltages .........................(1.1)INTVCC to –0.3V
FREQSET, STBYMD, FCB Voltage ......... INTVCC to –0.3V
ITH1, ITH2, VOSENSE1, VOSENSE2 Voltages ... 2.7V to –0.3V
Peak Output Current <10μs (TG1, TG2, BG1, BG2).....3A
INTVCC Peak Output Current ................................. 40mA
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
TJMAX = 125°C, θJA = 95°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VOSENSE1, 2
Regulated Feedback Voltage
(Note 4); ITH1, 2 Voltage = 1.2V
l
0.788
0.800
0.812
V
IOSENSE1, 2
Feedback Current
(Note 4)
–5
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 0.7V
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 2.0V
l
l
0.1
–0.1
0.5
–0.5
%
%
gm1,2
Transconductance Amplifier gm
ITH1, 2 = 1.2V; Sink/Source 5μA; (Note 4)
1.3
mmho
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3707EGN#PBF
LTC3707EGN#TRPBF
3707EGN
28-Lead Plastic SSOP
–40°C to 85°C
LTC3707IGN#PBF
LTC3707IGN#TRPBF
3707IGN
28-Lead Plastic SSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3707EGN
LTC3707EGN#TR
3707EGN
28-Lead Plastic SSOP
–40°C to 85°C
LTC3707IGN
LTC3707IGN#TR
3707IGN
28-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com