Electronic Components Datasheet Search
  English  ▼

X  

LTC3526LB Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 5 Page - Linear Technology

  LTC3526LB Datasheet HTML 1Page - Linear Technology LTC3526LB Datasheet HTML 2Page - Linear Technology LTC3526LB Datasheet HTML 3Page - Linear Technology LTC3526LB Datasheet HTML 4Page - Linear Technology LTC3526LB Datasheet HTML 5Page - Linear Technology LTC3526LB Datasheet HTML 6Page - Linear Technology LTC3526LB Datasheet HTML 7Page - Linear Technology LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3526L/LTC3526LB
5
3526lfb
TEMPERATURE (°C)
–50
0.50
0.55
0.60
0.65
0.70
0.80
25
025
50
3526 G14
75
100
0.75
1mA LOAD
NO LOAD
VFB vs Temperature
Start-Up Voltage vs Temperature
Fixed Frequency Switching
Waveform and VOUT Ripple
Burst Mode Waveforms
(LTC3526L)
VOUT and IIN During Soft-Start
Burst Mode Quiesent Current
vs VOUT (LTC3526L)
TEMPERATURE (°C)
–60
–1.00
–0.75
–0.50
–0.25
0
–20
20
60
100
3526 G13
0.25
0.50
–40
0
40
80
NORMALIZED TO 25°C
VOUT (V)
1.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
3.0
4.0
4.5
3526 G15
2.0
2.5
3.5
5.0
SW PIN
2V/DIV
500ns/DIV
VIN = 1.2V
VOUT = 3.3V AT 100mA
COUT = 10μF
3526 G16
VOUT
10mV/DIV
AC COUPLED
SW PIN
2V/DIV
INDUCTOR
CURRENT
0.2A/DIV
10μs/DIV
VIN = 1.2V
VOUT = 3.3V
COUT = 10μF
3526 G17
VOUT
20mV/DIV
AC COUPLED
SHDN PIN
1V/DIV
INPUT
CURRENT
0.2A/DIV
200μs/DIV
VOUT = 3.3V
COUT = 10μF
3526 G18
VOUT
1V/DIV
Load Step Response (from Burst
Mode Operation) (LTC3526L)
LOAD
CURRENT
50mA/DIV
100μs/DIV
VIN = 3.6V
VOUT = 5V
20mA TO 170mA STEP
COUT = 10μF
3526 G19
VOUT
100mV/DIV
AC COUPLED
Load Step Response
(Fixed Frequency)
LOAD
CURRENT
50mA/DIV
100μs/DIV
VIN = 3.6V
VOUT = 5V
50mA TO 150mA STEP
COUT = 10μF
3526 G20
VOUT
100mV/DIV
AC COUPLED
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com