Electronic Components Datasheet Search
  English  ▼

X  

AFS0002 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # AFS0002
Description  air flowsensor units
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

AFS0002 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  AFS0002 Datasheet HTML 1Page - KOA Speer Electronics, Inc. AFS0002 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
172
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/20/08
Output Characteristics Diagram
environmental applications
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
09
14
5
Air Velocity (m/s)
12
3
4
7
6
8
10 11
12
15
13
AFS0002
AFS0001
applications and ratings
Test Items
AFS0001
AFS0002
Remarks
Detection Object
Clean air, ordinary pressure
Detection Range
0 - 15
Detection Accuracy (m/s)
0.5 - 1.0 (less than 1.0) m/s
±0.3%
±0.5%
1.0 - 4.0 (less than 4.0) m/s
±0.5%
±0.7%
4.0 - 12 (less than 12) m/s
––
±2.0%
4.0 - 15 m/s
±1.5%
––
Power Supply Voltage
5.0 ± 0.25
Current Consumption
Start-up time is excluded
0.2 maximum
Output Voltage
Non-linear analog (see Output Characteristics Diagram)
1.8 - 3.2
1.9 - 3.5
AFS
air flow sensor units
Output Impedance
100 typical
Start-up Time
15 typical
Operating Temperature Range
0 - +60
Operating Humidity Range
Dew condensation not allowed
30 - 85
Storage Temperature Range
-10 - +70
Storage Humidity Range
Dew condensation not allowed
30 - 85
Temperature Compensation Range
0 - +60
––
±3.0%
12 - 15 m/s
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 170



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com