Electronic Components Datasheet Search
  English  ▼

X  

FBA1J4AT Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # FBA1J4AT
Description  ferrite bead array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

FBA1J4AT Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  FBA1J4AT Datasheet HTML 1Page - KOA Speer Electronics, Inc. FBA1J4AT Datasheet HTML 2Page - KOA Speer Electronics, Inc. FBA1J4AT Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FBA
ferrite bead array
Leach Resistance
Appearance: There shall be no visible signs of
physical or mechanical damage (i.e. no cracks).
Terminations: Termination must not be leached
away for more than 5%.
The bead shall be subjected to the following 5 steps
for the period of time shown below. The 5 steps
constitute one (1) rotation. 4 rotations shall be
carried out.
1) Flux: 5 - 10 seconds
2) After Flux: Air dry for 15 seconds
3) Solder Temperature: 230°C ± 5°C
4) Dip Time: 5 ± 0.5 second
5) Cool: Air cool for 60 seconds
environmental applications
Performance Characteristics
Parameter
Operating Temperature
-55°C to +125°C
Storage Temperature
40°C @ 70% humidity
Sealed plastic bags with desiccant shall be used to
reduce the potential of oxidation on the terminations
during storage.
Resistance to Solder Heat
Change in Impedance: Relative to value before
test ±20%
Appearance: There shall be no cracking.
Solder Coverage: More than 75% of the terminal
electrode shall be covered with solder.
Flux: 5 - 10 second dip
After Flux: Air dry for 15 seconds
Preheat: 150°C ± 10°C
Preheat Time: 60 seconds
Solder Temperature: 260°C ± 5°C
Dip Time: 10 ± 1 second
Solderability
Solder Coverage: More than 95% of the termination
shall be covered with solder.
Flux: 5 - 10 second dip
After Flux: Air dry for 15 seconds
Solder Temperature: 245°C ± 5°C
Dip Time: 5 ± 0.5 second
Requirement
Test Method
PMS 300 neg.
Black neg.
259
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/05/07
applications and ratings
Part
Designation
Impedance
@ 100MHz
(
Ω)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Per Element
Maximum (mA)
Operating
Temperature
Range
FBA1J4ATTE300P
30
FBA1J4ATTE600P
60
FBA1J4ATTE121P
120
FBA1J4ATTE221P
220
FBA1J4ATTE301P
300
FBA1J4ATTE601P
600
FBA1J4ATTE102P
1000
FBA1J4BTTE300P
30
FBA1J4BTTE600P
60
FBA1J4BTTE121P
120
FBA1J4BTTE221P
220
FBA1J4BTTE301P
300
FBA1J4BTTE601P
600
0.1
0.25
0.3
0.4
0.5
0.7
0.25
0.3
0.4
0.45
0.50
0.65
200
400
350
250
100
200
400
350
100
150
100
-55°C to +125°C
NEW
NEW
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:59 PM
Page 64



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com