Electronic Components Datasheet Search
  English  ▼

X  

TSTS7501 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSTS7501
Description  GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSTS7501 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSTS7501 Datasheet HTML 1Page - Vishay Siliconix TSTS7501 Datasheet HTML 2Page - Vishay Siliconix TSTS7501 Datasheet HTML 3Page - Vishay Siliconix TSTS7501 Datasheet HTML 4Page - Vishay Siliconix TSTS7501 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSTS750.
Vishay Telefunken
3 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81049
tp – Pulse Duration ( ms )
94 8003 e
100
101
101
10–1
10–1
100
102
10–2
tp / T = 0.01
IFSM = 2.5 A ( Single Pulse )
0.05
0.1
0.2
0.5
Figure 3. Pulse Forward Current vs. Pulse Duration
01
2
3
VF – Forward Voltage ( V )
4
94 7996 e
101
100
102
103
104
10–1
Figure 4. Forward Current vs. Forward Voltage
0
20
406080
0.7
0.8
0.9
1.0
1.1
1.2
Tamb – Ambient Temperature ( °C )
100
94 7990 e
IF = 10 mA
Figure 5. Relative Forward Voltage vs.
Ambient Temperature
IF – Forward Current ( mA )
94 7926 e
103
101
102
104
100
0.1
1
10
100
TSTS 7501
TSTS 7502
TSTS 7503
Figure 6. Radiant Intensity vs. Forward Current
IF – Forward Current ( mA )
94 7977 e
103
101
102
104
100
0.1
1
10
1000
100
Figure 7. Radiant Power vs. Forward Current
–10
10
50
0
100
0
0.4
0.8
1.2
1.6
Tamb – Ambient Temperature ( °C )
140
94 7993 e
IF = 20 mA
Figure 8. Rel. Radiant Intensity\Power vs.
Ambient Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com