Electronic Components Datasheet Search
  English  ▼

X  

TSUS520 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSUS520
Description  GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSUS520 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSUS520 Datasheet HTML 1Page - Vishay Siliconix TSUS520 Datasheet HTML 2Page - Vishay Siliconix TSUS520 Datasheet HTML 3Page - Vishay Siliconix TSUS520 Datasheet HTML 4Page - Vishay Siliconix TSUS520 Datasheet HTML 5Page - Vishay Siliconix TSUS520 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSUS520.
Vishay Telefunken
4 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81055
IF – Forward Current ( mA )
94 7992 e
103
101
102
104
100
0.1
1
10
1000
100
TSUS 5200
TSUS 5202
Figure 7. Radiant Power vs. Forward Current
–10
10
50
0
100
0
0.4
0.8
1.2
1.6
Tamb – Ambient Temperature ( °C )
140
94 7993 e
IF = 20 mA
Figure 8. Rel. Radiant Intensity\Power vs.
Ambient Temperature
900
950
0
0.25
0.5
0.75
1.0
1.25
l – Wavelength ( nm )
1000
94 7994 e
IF = 100 mA
Figure 9. Relative Radiant Power vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
94 7995 e
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 10. Relative Radiant Intensity vs.
Angular Displacement



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com