Electronic Components Datasheet Search
  English  ▼

X  

TSUS5402 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSUS5402
Description  GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSUS5402 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSUS5402 Datasheet HTML 1Page - Vishay Siliconix TSUS5402 Datasheet HTML 2Page - Vishay Siliconix TSUS5402 Datasheet HTML 3Page - Vishay Siliconix TSUS5402 Datasheet HTML 4Page - Vishay Siliconix TSUS5402 Datasheet HTML 5Page - Vishay Siliconix TSUS5402 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSUS540.
Vishay Telefunken
3 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81056
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
20
406080
0
50
100
150
200
250
Tamb – Ambient Temperature ( °C )
100
94 7957 e
RthJA
Figure 1. Power Dissipation vs. Ambient Temperature
0
20
406080
0
50
100
150
200
250
Tamb – Ambient Temperature ( °C )
100
94 7988 e
RthJA
Figure 2. Forward Current vs. Ambient Temperature
tp – Pulse Duration ( ms )
94 7989 e
100
101
101
10–1
10–1
100
102
10–2
tp / T = 0.01
IFSM = 2.5 A ( Single Pulse )
0.05
0.1
0.5
1.0
Figure 3. Pulse Forward Current vs. Pulse Duration
01
2
3
VF – Forward Voltage ( V )
4
94 7996 e
101
100
102
103
104
10–1
Figure 4. Forward Current vs. Forward Voltage
0
20
406080
0.7
0.8
0.9
1.0
1.1
1.2
Tamb – Ambient Temperature ( °C )
100
94 7990 e
IF = 10 mA
Figure 5. Relative Forward Voltage vs.
Ambient Temperature
IF – Forward Current ( mA )
94 7997 e
103
101
102
104
100
1
10
100
1000
TSUS 5400
TSUS 5401
TSUS 5402
Figure 6. Radiant Intensity vs. Forward Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com