Electronic Components Datasheet Search
  English  ▼

X  

MJ11021 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MJ11021
Description  POWER TRANSISTORS(15A,150-250V,175W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ11021 Datasheet(HTML) 1 Page - Mospec Semiconductor

  MJ11021 Datasheet HTML 1Page - Mospec Semiconductor MJ11021 Datasheet HTML 2Page - Mospec Semiconductor MJ11021 Datasheet HTML 3Page - Mospec Semiconductor MJ11021 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A


Similar Part No. - MJ11021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ11021 MOTOROLA-MJ11021 Datasheet
235Kb / 6P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11021 ONSEMI-MJ11021 Datasheet
235Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
MJ11021 ONSEMI-MJ11021 Datasheet
78Kb / 5P
Complementary Darlington Silicon Power Transistors
December, 2005 ??Rev. 2
MJ11021 ONSEMI-MJ11021 Datasheet
132Kb / 5P
Complementary Darlington Silicon Power Transistors
September, 2008 ??Rev. 3
MJ11021 ONSEMI-MJ11021 Datasheet
229Kb / 7P
Complementary Darlington Silicon Power Transistors
August, 2024 - Rev. 4
More results

Similar Description - MJ11021

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
POWER TRANSISTORS(15A)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
POWER TRANSISTORS(15A,400-450V,175W)
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
MJ10008 MOSPEC-MJ10008 Datasheet
189Kb / 4P
POWER TRANSISTORS(20A,400-500V,175W)
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
POWER TRANSISTORS(10A,400V,175W)
MJ10013 MOSPEC-MJ10013 Datasheet
195Kb / 4P
POWER TRANSISTORS(10A,550-600V,175W)
logo
Unisonic Technologies
15N25 UTC-15N25 Datasheet
151Kb / 3P
15A, 250V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com