Electronic Components Datasheet Search
  English  ▼

X  

NVD05SCMHT Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # NVD05SCMHT
Description  Metal Oxide Varistor Disk Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD05SCMHT Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  NVD05SCMHT Datasheet HTML 1Page - KOA Speer Electronics, Inc. NVD05SCMHT Datasheet HTML 2Page - KOA Speer Electronics, Inc. NVD05SCMHT Datasheet HTML 3Page - KOA Speer Electronics, Inc. NVD05SCMHT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD05SCMHT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD05SCMHT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD05SCMHT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD05SCMHT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD05SCMHT Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NEW
PAGE 1 OF 12
Metal Oxide Varistor Disk Type
Type NVD
1. Features
I Flame retardant coating (UL 94V-0)
I Excellent transient voltage suppression characteristics
I Higher surge current
I Wide varistor voltage
I V-I characteristics are the same in both polarity
I Marking: green body color with black marking
I UL1449 (file No. E79023) recognized for products over 82V
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
2. Dimensions
3. Ordering & Specifying Information
Type designation shall be as the following form.
NV
Type
Diameter
Taping
D
MHT
Style
05
Termination
Material
C
Disc
05
07
10
14
20
MT:
5mm Straight taping
MHT: 5mm Inside
kink taping
10UB: GHT: 7.5 mm
Straight taping
GJT: 7.5 mm
Outside kink taping
MJT: 5mm Outside
kink taping
10OC: MJT: 7.5 mm
Outside kink taping
C: Sn-Cu
U
Series
Varistor
Voltage
220
Packaging
A
A:
Ammo
Bk: Bulk
SS-245 R4
AHA 4/20/05
U
UB (D10 only)
S:
Standard
Type
22V
022
220V
220
1800V 1800
CERTIFIED
CERTIFIED
øD
ød
F
øD (max.)
.276 - .295
(7.0 - 7.5)
.024
(0.6)
.197±.039
(5.0±1.0)
ød
F
05U
.276 - .374
(9.0 - 9.5)
07U
.472 - .531
(12.0 - 13.5)
.031
(0.8)
.295±.039
(7.5±1.0)
10U
.472
(12.0)
.024
(0.6)
.197±.039
(5.0±1.0)
10UB
.630 - .669
(16.0 - 17.0)
.031
(0.8)
.295±.039
(7.5±1.0)
14U
.846 - .886
(21.5 - 22.5)
.039
(1.0)
.394±.039
(10±1.0)
20U
Type
Contact KOA Speer
for detailed dimensions.


Similar Part No. - NVD05SCMHT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD05SCD10UBA KOA-NVD05SCD10UBA Datasheet
104Kb / 3P
metal oxide varistor disc type
NVD05SCD10UBBK KOA-NVD05SCD10UBBK Datasheet
104Kb / 3P
metal oxide varistor disc type
NVD05SCD10UCA KOA-NVD05SCD10UCA Datasheet
104Kb / 3P
metal oxide varistor disc type
NVD05SCD10UCBK KOA-NVD05SCD10UCBK Datasheet
104Kb / 3P
metal oxide varistor disc type
NVD05SCDGJTA KOA-NVD05SCDGJTA Datasheet
104Kb / 3P
metal oxide varistor disc type
More results

Similar Description - NVD05SCMHT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
metal oxide varistor
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
metal oxide varistor disc type
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
metal oxide varistor
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
metal oxide varistor disc type
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
metal oxide varistor disc type
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
Metal Oxide Varistor
logo
List of Unclassifed Man...
G ETC2-G_V01 Datasheet
214Kb / 9P
Metal Oxide Varistor
JVT ETC-JVT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com