Electronic Components Datasheet Search
  English  ▼

X  

NVD07SCMHT Datasheet(PDF) 10 Page - KOA Speer Electronics, Inc.

Part # NVD07SCMHT
Description  Metal Oxide Varistor Disk Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD07SCMHT Datasheet(HTML) 10 Page - KOA Speer Electronics, Inc.

Back Button NVD07SCMHT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 9Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 10Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 11Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 12Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PAGE 10 OF 12
SS-245 R4
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
7. Packaging
F1
P0
W
W0
W1
W2
øD*
ød*
A1
D0
A
e
H
H1
P
P1
∆h2
F*
∆h1
Cross Section (A-A1)
t
Series
D0
P
P0
P1
W
W0
W1
W2
NVD [ ] U
0.157
0.500
0.500
0.250
0.709
0.591
0.354
0.118
(4.0 ± 0.2) (12.7 ± 1.0) (12.7 ± 0.3) (6.35 ± 1.3)
(18
)
(15)
(9.0 ± 0.5)
3 max.
Dimensions in inches (mm)
+1
-0.5
Series
F1
H
H1
∆h1
∆h2
t
e
NVD [ ] U
0.197
0.669
0.787
0
0
0.024
< 0.039
(5.0)
(17)
(20
)
(0 ± 2.0)
(0 ± 1.3)
(0.6 ± 0.3) (Less than1)
+1.5
-1.0
* Refer to table below
øD max.
Series
22 ~ 150 V
200 ~ 270 V
330 ~ 470 V
ød
F
NVD05U-022 ~
0.276
–––
–––
NVD05U-150
(7.0)
NVD05U-200 ~
–––
0.295
0.295
NVD05U-470
(7.5)
(7.5)
0.024
0.197
NVD07U-022 ~
0.354
–––
–––
(0.6)
(5 ± 1)
NVD07U-150
(9.0)
NVD07U-200 ~
–––
0.374
0.374
NVD07U-470
(9.5)
(9.5)
NVD10U-022 ~
0.472
–––
–––
NVD10U-150
(12.0)
0.031
0.295
NVD10U-200 ~
–––
0.472
0.492
(0.8)
(7.5 ± 1)
NVD10U-470
(12.0)
(12.5)
NVD10UB-022 ~
0.472
–––
–––
NVD10UB-150
(12.0)
0.024
0.197
NVD10UB-200 ~
–––
0.472
–––
(0.6)
(5 ± 1)
NVD10UB-470
(12.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com