Electronic Components Datasheet Search
  English  ▼

X  

MCL2AHTTDR22 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MCL2AHTTDR22
Description  Multi Layer Ferrite Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MCL2AHTTDR22 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MCL2AHTTDR22 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MCL2AHTTDR22 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MCL2AHTTDR22 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MCL2AHTTDR22 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MCL2AHTTDR22 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MCL2AHTTDR22 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 2 OF 6
SS-223 R9
4. Standard Applications (continued)
Part
Designation
Inductance
L (µH)
Minimum
Q
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
L.Q. Test
Frequency
(MHz)
Self Resonant
Frequency
Typical
(MHz)
15
10
0.85
1.00
1.35
35
25
15
1.55
1.70
2.10
125
110
105
95
90
85
75
65
60
55
50
45
40
35
33
0.60
0.80
0.95
1.15
1.35
1.55
1.70
2.10
22
1.55
20
18
17
15
320
280
255
235
220
200
185
170
150
145
135
125
115
105
100
1.70
2.10
1.85
2.10
0.20
0.30
0.40
0.50
0.55
0.65
200
250
0.75
0.80
1.00
25
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
35
30
4
2
15
20
25
50
25
5
3
300
150
8.2
10
12
0.047
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
Operating
Temperature
Range
MCL1JHTTDR33*
MCL1JHTTDR39*
MCL1JHTTDR47*
MCL1JHTTDR56*
MCL1JHTTDR68*
MCL1JHTTDR82*
MCL1JJTTD1R0*
MCL1JJTTD1R2*
MCL1JJTTD1R5*
MCL1JJTTD1R8*
MCL1JJTTD2R2*
MCL1JJTTD2R7*
MCL1JJTTD3R3*
MCL1JJTTD3R9*
MCL1JJTTD4R7*
MCL1JJTTD5R6*
MCL1JJTTD6R8*
MCL1JJTTD8R2*
MCL1JJTTD100*
MCL1JJTTD120*
MCL2AHTTD047M
MCL2AHTTD068M
MCL2AHTTD082M
MCL2AHTTDR10*
MCL2AHTTDR12*
MCL2AHTTDR15*
MCL2AHTTDR18*
MCL2AHTTDR22*
MCL2AHTTDR27*
MCL2AHTTDR33*
MCL2AHTTDR39*
MCL2AHTTDR47*
MCL2AHTTDR56*
MCL2AHTTDR68*
MCL2AHTTDR82*
* Add tolerance character (K, M) - Other tolerances available upon request
-55°C
to
+125°C
-55°C
to
+125°C
1.0
1.2
45
10
75
65
0.40
0.50
0.60
0.65
0.75
0.80
0.90
1.00
30
50
60
55
50
45
41
38
35
1.5
1.8
2.2
2.7
3.3
3.9
4.7
MCL2AJTTD1R0*
MCL2AJTTD1R2*
MCL2AJTTD1R5*
MCL2AJTTD1R8*
MCL2AJTTD2R2*
MCL2AJTTE2R7*
MCL2AJTTE3R3*
MCL2AJTTE3R9*
MCL2AJTTE4R7*
SS-223 R9
12/6/06
11:26 AM
Page 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com