Electronic Components Datasheet Search
  English  ▼

X  

74AC16652 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 74AC16652
Description  16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC16652 Datasheet(HTML) 2 Page - Texas Instruments

  74AC16652 Datasheet HTML 1Page - Texas Instruments 74AC16652 Datasheet HTML 2Page - Texas Instruments 74AC16652 Datasheet HTML 3Page - Texas Instruments 74AC16652 Datasheet HTML 4Page - Texas Instruments 74AC16652 Datasheet HTML 5Page - Texas Instruments 74AC16652 Datasheet HTML 6Page - Texas Instruments 74AC16652 Datasheet HTML 7Page - Texas Instruments 74AC16652 Datasheet HTML 8Page - Texas Instruments 74AC16652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54AC16652, 74AC16652
16-BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS242A – MARCH 1990 – REVISED APRIL 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Data on the A or B bus, or both, can be stored in the internal D flip-flops by low-to-high transitions at the
appropriate clock (CLKAB or CLKBA) inputs regardless of the levels on the select-control or output-enable
inputs. When SAB and SBA are in the real-time transfer mode, it is also possible to store data without using the
internal D-type flip-flops by simultaneously enabling OEAB and OEBA. In this configuration, each output
reinforces its input. Thus, when all other data sources to the two sets of bus lines are at high impedance, each
set of bus lines remains at its last state.
The 74AC16652 is packaged in TI’s shrink small-outline package (DL), which provides twice the I/O pin count
and functionality of standard small-outline packages in the same printed-circuit-board area.
The 54AC16652 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
74AC16652 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
DATA I/O†
OPERATION OR FUNCTION
OEAB
OEBA
CLKAB
CLKBA
SAB
SBA
A1–A8
B1–B8
OPERATION OR FUNCTION
L
H
L
L
X
X
Input
Input
Isolation
L
H
↑↑
X
X
Input
Input
Store A and B data
X
H
↑
L
X
X
Input
Unspecified‡
Store A, hold B
H
H
↑↑
X‡
X
Input
Output
Store A in both registers
L
X
L
↑
X
X
Unspecified‡
Input
Hold A, store B
L
L
↑↑
XX‡
Output
Input
Store B in both registers
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
L
X
H
Output
Input
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real-time A data to B bus
H
H
L
X
H
X
Input
Output
Stored A data to B bus
H
L
L
L
H
H
Output
Output
Stored A data to B bus and
stored B data to A bus
† The data-output functions may be enabled or disabled by a variety of level combinations at OEAB or OEBA. Data-input functions are always
enabled; i.e., data at the bus terminals is stored on every low-to-high transition on the clock inputs.
‡ Select control = L; clocks can occur simultaneously.
Select control = H; clocks must be staggered in order to load both registers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com