Electronic Components Datasheet Search
  English  ▼

X  

74ACT11030D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT11030D
Description  8-INPUT POSITIVE-NAND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11030D Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11030D Datasheet HTML 1Page - Texas Instruments 74ACT11030D Datasheet HTML 2Page - Texas Instruments 74ACT11030D Datasheet HTML 3Page - Texas Instruments 74ACT11030D Datasheet HTML 4Page - Texas Instruments 74ACT11030D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11030, 74ACT11030
8-INPUT POSITIVE-NAND GATES
SCLS050 – MARCH 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
• Inputs Are TTL-Voltage Compatible
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
• 500-mA Typical Latch-Up Immunity
at 125
°C
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These devices contain a single 8-input NAND gate
and perform the following Boolean functions in
positive logic:
Y = A
• B • C • D • E • F • G • H or
Y = A + B + C + D + E + F + G + H
The 54ACT11030 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The 74ACT11030 is characterized for
operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
A THRU H
OUTPUT
Y
All inputs H
L
One or more inputs L
H
logic symbol†
logic diagram (positive logic)
&
3
A
2
B
1
C
14
D
13
E
12
F
9
G
8
H
Y
5
Y
5
3
A
2
B
1
C
14
D
13
E
12
F
9
G
8
H
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
54ACT11030 ...J PACKAGE
74ACT11030 ...D OR N PACKAGE
(TOP VIEW)
54ACT11030 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C
B
A
GND
Y
NC
NC
D
E
F
VCC
NC
G
H
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
G
NC
H
NC
NC
D
NC
C
NC
B
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74ACT11030D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11030D TI1-74ACT11030D Datasheet
393Kb / 7P
8-INPUT POSITIVE-NAND GATES
74ACT11030D TI2-74ACT11030D Datasheet
172Kb / 8P
8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
74ACT11030DE4 TI1-74ACT11030DE4 Datasheet
393Kb / 7P
8-INPUT POSITIVE-NAND GATES
74ACT11030DR TI1-74ACT11030DR Datasheet
393Kb / 7P
8-INPUT POSITIVE-NAND GATES
74ACT11030DR TI2-74ACT11030DR Datasheet
172Kb / 8P
8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
More results

Similar Description - 74ACT11030D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5430 TI-SN5430 Datasheet
621Kb / 15P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
8-INPUT POSITIVE-NAND GATES
SN54F30 TI-SN54F30 Datasheet
68Kb / 5P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_08 Datasheet
695Kb / 18P
8-INPUT POSITIVE-NAND GATES
SNJ54F30 TI-SNJ54F30 Datasheet
777Kb / 16P
8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_15 Datasheet
1Mb / 19P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_18 Datasheet
1Mb / 21P
8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com