Electronic Components Datasheet Search
  English  ▼

X  

CPCN2N Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CPCN2N
Description  fixed ceramic melf resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CPCN2N Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CPCN2N Datasheet HTML 1Page - KOA Speer Electronics, Inc. CPCN2N Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
96
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
5/16/06
CPCN
fixed ceramic melf resistor
Absolute
Maximum
Overload
Voltage
Nominal
Resistance
Resistance
Tolerance
Absolute
Maximum
Working
Voltage
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
applications and ratings
T.C.R.
(ppm/°C)
Max.
CPCN1/2
CPCN1
CPCN2N
CPCN3
0.5W
1.0W
1.5W
2.0W
-1200±300
M: ±20%
86V
122V
150V
173V
215V
305V
375V
432V
+40°C
15k
Ω
1k
Ω, 5kΩ,
10k
Ω, 15kΩ
-40°C
to
+200°C
Coating type of CPCN2N is available on request.
Rated Voltage =
√Power Rating x Resistance Value or Maximum Working Voltage, whichever is lower.
Derating Curve
environmental applications
100
80
60
40
20
-60 -40 -20
0
406080100180
20
Ambient Temperature
(°C)
0
120 140 160
200
Performance Characteristics
Parameter
Requirement
∆ R
Limit
Typical
Test Method
Within regulated
tolerance
No mechanical
damages
Resistance
1k
Ω, 5kΩ
10k
Ω, 15kΩ
0 ~ -0.2%/V
-1200±300ppm/°C
10V
30V
Measurement Voltage
The resistance measurement before and after the examination should be performed in room temperature with difference ±1°C.
Resistance
T.C.R.
Voltage Coefficient
+25°C/-40°C and +25°C/+125°C
Rated voltage and rated voltage x 10%
—
—
—
±2%
Overload
Rated voltage x 2.5 or max. overload voltage for 5 seconds, whichever is less
±0.3%
±30%
Load Life at High Voltage Pulse
Resistor Body Strength
Continuous 250h high voltage pulse on the test circuit (Refer to JIS D5111)
—
±5.0%
Rapid Change of Temperature
-55°C (15 minutes), +155°C (15 minutes), 500 cycles
±5.0%
±5.0%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.9%
±5.0%
Load Life
40°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.7%
±5.0%
Low Temperature Operation
-40°C, 24 hours
±0.7%
±5.0%
High Temperature Exposure
+200°C, 1000 hours
±2.0%
—
Type
Holding Distance
Time
10 seconds
Force
98N (10kgf)
490N (50kgf)
5.0 ± 0.2mm
9.0 ± 0.3mm
12.3 ± 0.3mm
CPCN1/2
CPCN1
CPCN2N
CPCN3
PMS 300 neg.
Black neg.
1733 Reader's Spreads pg1-203:document
1/27/09
4:08 PM
Page 94



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com